Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 63 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 59Page - Texas Instruments PCI7421 Datasheet HTML 60Page - Texas Instruments PCI7421 Datasheet HTML 61Page - Texas Instruments PCI7421 Datasheet HTML 62Page - Texas Instruments PCI7421 Datasheet HTML 63Page - Texas Instruments PCI7421 Datasheet HTML 64Page - Texas Instruments PCI7421 Datasheet HTML 65Page - Texas Instruments PCI7421 Datasheet HTML 66Page - Texas Instruments PCI7421 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 298 page
background image
3−7
Table 3−2. PC Card—Card Detect and Voltage Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
Key
Interface
VCC
VPP/VCORE
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Per CIS (VPP)
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Per CIS (VPP)
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and
X.X V
Per CIS (VPP)
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Per CIS (VPP)
Ground
Connect to
CVS1
Open
Connect to
CCD1
LV
CardBus PC Card
3.3 V
Per CIS (VPP)
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Per CIS (VPP)
Connect to
CVS2
Ground
Connect to
CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Per CIS (VPP)
Connect to
CVS1
Ground
Ground
Connect to
CCD2
LV
CardBus PC Card
3.3 V, X.X V,
and Y.Y V
Per CIS (VPP)
Ground
Ground
Ground
Open
LV
16-bit PC Card
X.X V
Per CIS (VPP)
Connect to
CVS2
Ground
Connect to
CCD2
Open
LV
CardBus PC Card
3.3 V
1.8 V (VCORE)
Ground
Connect to
CVS2
Connect to
CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Per CIS (VPP)
Connect to
CVS1
Ground
Open
Connect to
CCD2
LV
CardBus PC Card
Y.Y V
Per CIS (VPP)
Ground
Connect to
CVS1
Ground
Connect to
CCD1
LV
UltraMedia
Per query terminals
Ground
Connect to
CVS2
Connect to
CCD1
Ground
Reserved
Reserved
3.5.4
Flash Media Card Detection
The PCI7x21/PCI7x11 controller detects an MMC/SD card insertion through the MC_CD_0 terminal. When this
terminal is 0, an MMC/SD card is inserted in the socket. The PCI7x21/PCI7x11 controller debounces the MC_CD_0
signal such that instability of the signal does not cause false card insertions. The debounce time is approximately 50
ms. The MC_CD_0 signal is not debounced on card removals. The filtered MC_CD_0 signal is used in the MMC/SD
card detection and power control logic.
The MMC/SD card detection and power control logic contains three main states:
•
Socket empty, power off
•
Card inserted, power off
•
Card inserted, power on
The PCI7x21/PCI7x11 controller detects a Memory Stick card insertion through the MC_CD_1 terminal. When this
terminal is 0, a Memory Stick card is inserted in the socket. The PCI7x21/PCI7x11 controller debounces the
MC_CD_1 signal such that instability of the signal does not cause false card insertions. The debounce time is
approximately 50 ms. The MC_CD_1 signal is not debounced on card removals. The filtered MC_CD_1 signal is used
in the Memory Stick card detection and power control logic.
The Memory Stick card detection and power control logic contains three main states:
•
Socket empty, power off
•
Card inserted, power off
•
Card inserted, power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com