Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 3Page - Texas Instruments PCI7421 Datasheet HTML 4Page - Texas Instruments PCI7421 Datasheet HTML 5Page - Texas Instruments PCI7421 Datasheet HTML 6Page - Texas Instruments PCI7421 Datasheet HTML 7Page - Texas Instruments PCI7421 Datasheet HTML 8Page - Texas Instruments PCI7421 Datasheet HTML 9Page - Texas Instruments PCI7421 Datasheet HTML 10Page - Texas Instruments PCI7421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 298 page
background image
vii
Section
Title
Page
7
OHCI Controller Programming Model
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
Vendor ID Register
7−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2
Device ID Register
7−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3
Command Register
7−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.4
Status Register
7−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.5
Class Code and Revision ID Register
7−5
. . . . . . . . . . . . . . . . . . . . . . . . . .
7.6
Latency Timer and Class Cache Line Size Register
7−5
. . . . . . . . . . . . . .
7.7
Header Type and BIST Register
7−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.8
OHCI Base Address Register
7−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.9
TI Extension Base Address Register
7−7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7.10
CardBus CIS Base Address Register
7−8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7.11
CardBus CIS Pointer Register
7−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.12
Subsystem Identification Register
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.13
Power Management Capabilities Pointer Register
7−9
. . . . . . . . . . . . . . .
7.14
Interrupt Line Register
7−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.15
Interrupt Pin Register
7−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.16
Minimum Grant and Maximum Latency Register
7−11
. . . . . . . . . . . . . . . . .
7.17
OHCI Control Register
7−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.18
Capability ID and Next Item Pointer Registers
7−12
. . . . . . . . . . . . . . . . . . .
7.19
Power Management Capabilities Register
7−13
. . . . . . . . . . . . . . . . . . . . . .
7.20
Power Management Control and Status Register
7−14
. . . . . . . . . . . . . . . .
7.21
Power Management Extension Registers
7−14
. . . . . . . . . . . . . . . . . . . . . . .
7.22
PCI PHY Control Register
7−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.23
PCI Miscellaneous Configuration Register
7−16
. . . . . . . . . . . . . . . . . . . . . .
7.24
Link Enhancement Control Register
7−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.25
Subsystem Access Register
7−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.26
GPIO Control Register
7−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
OHCI Registers
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1
OHCI Version Register
8−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.2
GUID ROM Register
8−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.3
Asynchronous Transmit Retries Register
8−6
. . . . . . . . . . . . . . . . . . . . . . .
8.4
CSR Data Register
8−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.5
CSR Compare Register
8−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.6
CSR Control Register
8−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.7
Configuration ROM Header Register
8−8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
8.8
Bus Identification Register
8−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.9
Bus Options Register
8−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10
GUID High Register
8−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.11
GUID Low Register
8−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.12
Configuration ROM Mapping Register
8−11
. . . . . . . . . . . . . . . . . . . . . . . . . .
8.13
Posted Write Address Low Register
8−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.14
Posted Write Address High Register
8−12
. . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com