Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 67Page - Texas Instruments PCI7421 Datasheet HTML 68Page - Texas Instruments PCI7421 Datasheet HTML 69Page - Texas Instruments PCI7421 Datasheet HTML 70Page - Texas Instruments PCI7421 Datasheet HTML 71Page - Texas Instruments PCI7421 Datasheet HTML 72Page - Texas Instruments PCI7421 Datasheet HTML 73Page - Texas Instruments PCI7421 Datasheet HTML 74Page - Texas Instruments PCI7421 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 298 page
background image
3−15
Table 3−9. EEPROM Loading Map (Continued)
SERIAL ROM
OFFSET
BYTE DESCRIPTION
25h
PCI 2Ch, subsystem vendor ID, byte 0
26h
PCI 2Dh, subsystem vendor ID, byte 1
27h
PCI 2Eh, subsystem ID, byte 0
28h
PCI 2Fh, subsystem ID, byte 1
29h
PCI F4h, Link_Enh, byte 0, bits 7, 2, 1
OHCI 50h, host controller control, bit 23
[7]
Link_Enh.
enab_unfair
[6]
HCControl.Program Phy Enable
[5:3]
RSVD
[2]
Link_Enh, bit 2
[1]
Link_Enh.
enab_accel
[0]
RSVD
2Ah
Mini-ROM address, this byte indicates the MINI ROM offset into the EEPROM
00h = No MINI ROM
Other Values = MINI ROM offset
2Bh
OHCI 24h, GUIDHi, byte 0
2Ch
OHCI 25h, GUIDHi, byte 1
2Dh
OHCI 26h, GUIDHi, byte 2
2Eh
OHCI 27h, GUIDHi, byte 3
2Fh
OHCI 28h, GUIDLo, byte 0
30h
OHCI 29h, GUIDLo, byte 1
31h
OHCI 2Ah, GUIDLo, byte 2
32h
OHCI 2Bh, GUIDLo, byte 3
33h
Checksum (Reserved—no bit loaded)
34h
PCI F5h, Link_Enh, byte 1, bits 7, 6, 5, 4
35h
PCI F0h, PCI miscellaneous, byte 0, bits 5, 4, 2, 1, 0
36h
PCI F1h, PCI miscellaneous, byte 1, bits 7, 3, 2, 1, 0
37h
Reserved
38h
Reserved (CardBus CIS pointer)
39h
Reserved
3Ah
PCI ECh, PCI PHY control, bits 7, 3, 1
3Bh
Flash media core function indicator (03h)
3Ch
Number of bytes (05h)
3Dh
PCI 2Ch, subsystem vendor ID, byte 0
3Eh
PCI 2Dh, subsystem vendor ID, byte 1
3Fh
PCI 2Eh, subsystem ID, byte 0
40h
PCI 2Fh, subsystem ID, byte 1
41h
PCI 4Ch, general control, bits 6−4, 2−0
42h
SD host controller function indicator (03h)
43h
Number of bytes (0Bh)
44h
PCI 2Ch, subsystem vendor ID, byte 0
45h
PCI 2Dh, subsystem vendor ID, byte 1
46h
PCI 2Eh, subsystem ID, byte 0
47h
PCI 2Fh, subsystem ID, byte 1
48h
PCI 88h, general control bits 6−4, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com