Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 37 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 33Page - Texas Instruments PCI7421 Datasheet HTML 34Page - Texas Instruments PCI7421 Datasheet HTML 35Page - Texas Instruments PCI7421 Datasheet HTML 36Page - Texas Instruments PCI7421 Datasheet HTML 37Page - Texas Instruments PCI7421 Datasheet HTML 38Page - Texas Instruments PCI7421 Datasheet HTML 39Page - Texas Instruments PCI7421 Datasheet HTML 40Page - Texas Instruments PCI7421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 298 page
background image
2−11
Table 2−3. 16-Bit PC Card Signal Names Sorted Alphabetically
SIGNAL
NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
AD0
W13
A_A5
B06
A_INPACK
E07
B_CE1
M18
AD1
N11
A_A6
G09
A_IORD
C11
B_CE2
L19
AD2
U12
A_A7
B07
A_IOWR
E11
B_D0
C16
AD3
V12
A_A8
B10
A_OE
C12
B_D1
B16
AD4
W12
A_A9
G11
A_READY(IREQ)
C04
B_D2
A15
AD5
R11
A_A10
A12
A_REG
C05
B_D3
P19
AD6
U11
A_A11
B11
A_RESET
A06
B_D4
P17
AD7
V11
A_A12
F09
A_USB_EN
E02
B_D5
M13
AD8
N10
A_A13
G10
A_VS1
A03
B_D6
N18
AD9
R10
A_A14
F10
A_VS2
E08
B_D7
M15
AD10
U10
A_A15
B08
A_WAIT
B03
B_D8
A17
AD11
V10
A_A16
E09
A_WE
B09
B_D9
A16
AD12
N09
A_A17
A10
A_WP(IOIS16)
C03
B_D10
B15
AD13
R09
A_A18
C10
B_A0
D17
B_D11
P18
AD14
U09
A_A19
E10
B_A1
C19
B_D12
N15
AD15
V09
A_A20
A09
B_A2
D18
B_D13
N19
AD16
R07
A_A21
C09
B_A3
E17
B_D14
N17
AD17
U06
A_A22
A08
B_A4
E19
B_D15
M14
AD18
V06
A_A23
C08
B_A5
G15
B_INPACK
E18
AD19
W06
A_A24
A07
B_A6
F18
B_IORD
L15
AD20
P06
A_A25
C07
B_A7
H15
B_IOWR
L13
AD21
R06
A_BVD1(STSCHG/RI)
B02
B_A8
K14
B_OE
L18
AD22
U05
A_BVD2(SPKR)
A02
B_A9
K18
B_READY(IREQ)
B19
AD23
V05
A_CD1
C15
B_A10
M17
B_REG
F15
AD24
V04
A_CD2
E05
B_A11
L17
B_RESET
F17
AD25
U04
A_CE1
G12
B_A12
G18
B_USB_EN
E01
AD26
V03
A_CE2
B12
B_A13
K13
B_VS1
C18
AD27
W02
A_D0
B01
B_A14
J18
B_VS2
F19
AD28
U03
A_D1
D03
B_A15
J13
B_WAIT
B18
AD29
V02
A_D2
D02
B_A16
H18
B_WE
J15
AD30
V01
A_D3
E14
B_A17
K17
B_WP(IOIS16)
A18
AD31
U02
A_D4
B14
B_A18
K15
C/BE0
W11
AGND
N12
A_D5
E13
B_A19
J19
C/BE1
W09
AGND
U14
A_D6
A13
B_A20
J17
C/BE2
W07
AGND
U16
A_D7
C13
B_A21
H19
C/BE3
W04
AVDD
R13
A_D8
C02
B_A22
H17
CLK_48
M01
AVDD
R14
A_D9
C01
B_A23
G19
CLOCK
L06
AVDD
V17
A_D10
D01
B_A24
G17
CNA
P15
A_A0
B04
A_D11
A14
B_A25
H14
CPS
M11
A_A1
A04
A_D12
C14
B_BVD1(STSCHG/RI)
F14
DATA
N01
A_A2
E06
A_D13
F12
B_BVD2(SPKR)
C17
DEVSEL
N08
A_A3
B05
A_D14
B13
B_CD1
N13
FRAME
V07
A_A4
C06
A_D15
E12
B_CD2
B17
GND
G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com