Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 58 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 58 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 54Page - Texas Instruments PCI7421 Datasheet HTML 55Page - Texas Instruments PCI7421 Datasheet HTML 56Page - Texas Instruments PCI7421 Datasheet HTML 57Page - Texas Instruments PCI7421 Datasheet HTML 58Page - Texas Instruments PCI7421 Datasheet HTML 59Page - Texas Instruments PCI7421 Datasheet HTML 60Page - Texas Instruments PCI7421 Datasheet HTML 61Page - Texas Instruments PCI7421 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 298 page
background image
3−2
3.2
I/O Characteristics
The PCI7x21/PCI7x11 controller meets the ac specifications of the PC Card Standard (release 8.1) and the PCI Local
Bus Specification. Figure 3−2 shows a 3-state bidirectional buffer. Section 14.2, Recommended Operating
Conditions, provides the electrical characteristics of the inputs and outputs.
Tied for Open Drain
OE
Pad
VCCP
Figure 3−2. 3-State Bidirectional Buffer
3.3
Clamping Voltages
The clamping voltages are set to match whatever external environment the PCI7x21/PCI7x11 controller is interfaced
with: 3.3 V or 5 V. The I/O sites can be pulled through a clamping diode to a voltage rail that protects the core from
external signals. The core power supply is 1.5 V and is independent of the clamping voltages. For example, PCI
signaling can be either 3.3 V or 5 V, and the PCI7x21/PCI7x11 controller must reliably accommodate both voltage
levels. This is accomplished by using a 3.3-V I/O buffer that is 5-V tolerant, with the applicable clamping voltage
applied. If a system designer desires a 5-V PCI bus, then VCCP can be connected to a 5-V power supply.
3.4
Peripheral Component Interconnect (PCI) Interface
The PCI7x21/PCI7x11 controller is fully compliant with the PCI Local Bus Specification. The PCI7x21/PCI7x11
controller provides all required signals for PCI master or slave operation, and may operate in either a 5-V or 3.3-V
signaling environment by connecting the VCCP terminals to the desired voltage level. In addition to the mandatory
PCI signals, the PCI7x21/PCI7x11 controller provides the optional interrupt signals INTA, INTB, INTC, and INTD.
3.4.1
1394 PCI Bus Master
As a bus master, the 1394 function of the PCI7x21/PCI7x11 controller supports the memory commands specified in
Table 3−1. The PCI master supports the memory read, memory read line, and memory read multiple commands. The
read command usage for read transactions of greater than two data phases are determined by the selection in bits
9−8 (MR_ENHANCE field) of the PCI miscellaneous configuration register (refer to Section 7.23 for details). For read
transactions of one or two data phases, a memory read command is used.
Table 3−1. PCI Bus Support
PCI
COMMAND
C/BE3−C/BE0
OHCI MASTER FUNCTION
Memory read
0110
DMA read from memory
Memory write
0111
DMA write to memory
Memory read multiple
1100
DMA read from memory
Memory read line
1110
DMA read from memory
Memory write and invalidate
1111
DMA write to memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com