Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 21Page - Texas Instruments PCI7421 Datasheet HTML 22Page - Texas Instruments PCI7421 Datasheet HTML 23Page - Texas Instruments PCI7421 Datasheet HTML 24Page - Texas Instruments PCI7421 Datasheet HTML 25Page - Texas Instruments PCI7421 Datasheet HTML 26Page - Texas Instruments PCI7421 Datasheet HTML 27Page - Texas Instruments PCI7421 Datasheet HTML 28Page - Texas Instruments PCI7421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 298 page
background image
1−7
1.5
Terms and Definitions
Terms and definitions used in this document are given in Table 1−1.
Table 1−1. Terms and Definitions
TERM
DEFINITIONS
AT
AT (advanced technology, as in PC AT) attachment interface
ATA driver
An existing host software component that loads when any flash media adapter and card is inserted into a PC Card
socket. This driver is logically attached to a predefined CIS provided by the PCI7x21/PCI7x11 controller when the
adapter and media are both inserted.
CIS
Card information structure. Tuple list defined by the PC Card standard to communicate card information to the host
computer
CSR
Control and status register
Flash Media
SmartMedia, Memory Stick, MS/PRO, xD, MMC, or SD/MMC Flash operating in an ATA compatible mode
ISO/IEC 7816
The Smart Card standard
Memory Stick
A small-form-factor flash interface that is defined, promoted, and licensed by Sony
Memory Stick Pro
Memory Stick Version 2.0, same physical dimensions of MS with higher speed data exchange and higher data
capacity than conventional Memory Stick.
MMC
MultiMediaCard. Specified by the MMC Association, and scope is encompassed by the SD Flash specification.
OHCI
Open host controller interface
PCMCIA
Personal Computer Memory Card International Association. Standards body that governs the PC Card standards
RSVD
Reserved for future use
SD Flash
Secure Digital Flash. Standard governed by the SD Association
Smart Card
The name applied to ID cards containing integrated circuits, as defined by ISO/IEC 7816-1
SPI
Serial peripheral interface, a general-purpose synchronous serial interface. For more information, see the
Multimedia Card System Specification, version 3.2.
SSFDC
Solid State Floppy Disk Card. The SSFDC Forum specifies SmartMedia
TI Smart Card driver
A qualified software component provided by Texas Instruments that loads when an UltraMedia-based Smart Card
adapter is inserted into a PC Card slot. This driver is logically attached to a CIS provided by the PCI7621 when the
adapter and media are both inserted.
UltraMedia
De facto industry standard promoted by Texas Instruments that integrates CardBus, Smart Card, Memory Stick,
MultiMediaCard/Secure Digital and SmartMedia functionality into one controller.
xD
Extreme Digital, small form factor flash based on SmartMedia cards, developed by Fuji Film and Olympus Optical.
1.6
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
PCI7621
Dual Socket CardBus and UltraMedia Controller with
Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
Controller with Dedicated Flash Media Socket
3.3-V, 5-V tolerant I/Os
288-ball PBGA
(GHK or ZHK)
PCI7421
Dual Socket CardBus and UltraMedia Controller with
Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
Controller with Dedicated Flash Media Socket
3.3-V, 5-V tolerant I/Os
288-ball PBGA
(GHK or ZHK)
PCI7611
Single Socket CardBus and UltraMedia Controller with
Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
Controller with Dedicated Flash Media Socket
3.3-V, 5-V tolerant I/Os
288-ball PBGA
(GHK or ZHK)
PCI7411
Single Socket CardBus and UltraMedia Controller with
Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
Controller with Dedicated Flash Media Socket
3.3-V, 5-V tolerant I/Os
288-ball PBGA
(GHK or ZHK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com