Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 5Page - Texas Instruments PCI7421 Datasheet HTML 6Page - Texas Instruments PCI7421 Datasheet HTML 7Page - Texas Instruments PCI7421 Datasheet HTML 8Page - Texas Instruments PCI7421 Datasheet HTML 9Page - Texas Instruments PCI7421 Datasheet HTML 10Page - Texas Instruments PCI7421 Datasheet HTML 11Page - Texas Instruments PCI7421 Datasheet HTML 12Page - Texas Instruments PCI7421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 298 page
background image
ix
Section
Title
Page
10.4
Vendor-Dependent Register
10−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5
Power-Class Programming
10−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11 Flash Media Controller Programming Model
11−1
. . . . . . . . . . . . . . . . . . . . . . . .
11.1
Vendor ID Register
11−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.2
Device ID Register
11−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.3
Command Register
11−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.4
Status Register
11−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.5
Class Code and Revision ID Register
11−5
. . . . . . . . . . . . . . . . . . . . . . . . . .
11.6
Latency Timer and Class Cache Line Size Register
11−5
. . . . . . . . . . . . . .
11.7
Header Type and BIST Register
11−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.8
Flash Media Base Address Register
11−6
. . . . . . . . . . . . . . . . . . . . . . . . . . .
11.9
Subsystem Vendor Identification Register
11−7
. . . . . . . . . . . . . . . . . . . . . . .
11.10 Subsystem Identification Register
11−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.11 Capabilities Pointer Register
11−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.12 Interrupt Line Register
11−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.13 Interrupt Pin Register
11−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.14 Minimum Grant Register
11−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.15 Maximum Latency Register
11−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.16 Capability ID and Next Item Pointer Registers
11−10
. . . . . . . . . . . . . . . . .
11.17 Power Management Capabilities Register
11−11
. . . . . . . . . . . . . . . . . . . .
11.18 Power Management Control and Status Register
11−12
. . . . . . . . . . . . . .
11.19 Power Management Bridge Support Extension Register
11−12
. . . . . . . .
11.20 Power Management Data Register
11−13
. . . . . . . . . . . . . . . . . . . . . . . . . .
11.21 General Control Register
11−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.22 Subsystem Access Register
11−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.23 Diagnostic Register
11−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12 SD Host Controller Programming Model
12−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.1
Vendor ID Register
12−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.2
Device ID Register
12−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.3
Command Register
12−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.4
Status Register
12−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.5
Class Code and Revision ID Register
12−5
. . . . . . . . . . . . . . . . . . . . . . . . . .
12.6
Latency Timer and Class Cache Line Size Register
12−6
. . . . . . . . . . . . . .
12.7
Header Type and BIST Register
12−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.8
SD Host Base Address Register
12−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.9
Subsystem Vendor Identification Register
12−7
. . . . . . . . . . . . . . . . . . . . . . .
12.10 Subsystem Identification Register
12−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.11 Capabilities Pointer Register
12−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.12 Interrupt Line Register
12−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.13 Interrupt Pin Register
12−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.14 Minimum Grant Register
12−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.15 Maximum Latency Register
12−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com