Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 91 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 91 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 87Page - Texas Instruments PCI7421 Datasheet HTML 88Page - Texas Instruments PCI7421 Datasheet HTML 89Page - Texas Instruments PCI7421 Datasheet HTML 90Page - Texas Instruments PCI7421 Datasheet HTML 91Page - Texas Instruments PCI7421 Datasheet HTML 92Page - Texas Instruments PCI7421 Datasheet HTML 93Page - Texas Instruments PCI7421 Datasheet HTML 94Page - Texas Instruments PCI7421 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 298 page
background image
4−1
4 PC Card Controller Programming Model
This chapter describes the PCI7x21/PCI7x11 PCI configuration registers that make up the 256-byte PCI configuration
header for each PCI7x21/PCI7x11 function. There are some bits which affect both CardBus functions, but which, in
order to work properly, must be accessed only through function 0. These are called global bits. Registers containing
one or more global bits are denoted by § in Table 4−2.
Any bit followed by a † is not cleared by the assertion of PRST (see CardBus Bridge Power Management,
Section 3.8.10, for more details) if PME is enabled (PCI offset A4h, bit 8). In this case, these bits are cleared only by
GRST. If PME is not enabled, then these bits are cleared by GRST or PRST. These bits are sometimes referred to
as PME context bits and are implemented to allow PME context to be preserved during the transition from D3hot or
D3cold to D0.
If a bit is followed by a ‡, then this bit is cleared only by GRST in all cases (not conditional on PME being enabled).
These bits are intended to maintain device context such as interrupt routing and MFUNC programming during warm
resets.
A bit description table, typically included when the register contains bits of more than one type or purpose, indicates
bit field names, a detailed field description, and field access tags which appear in the type column. Table 4−1
describes the field access tags.
Table 4−1. Bit Field Access Tag Descriptions
ACCESS TAG
NAME
MEANING
R
Read
Field can be read by software.
W
Write
Field can be written by software to any value.
S
Set
Field can be set by a write of 1. Writes of 0 have no effect.
C
Clear
Field can be cleared by a write of 1. Writes of 0 have no effect.
U
Update
Field can be autonomously updated by the PCI7x21/PCI7x11 controller.
4.1
PCI Configuration Register Map (Functions 0 and 1)
The PCI7x21/PCI7x11 is a multifunction PCI device, and the PC Card controller is integrated as PCI functions 0 and
1. The configuration header, compliant with the PCI Local Bus Specification as a CardBus bridge header, is
PC99/PC2001 compliant as well. Table 4−2 illustrates the PCI configuration register map, which includes both the
predefined portion of the configuration space and the user-definable registers.
Table 4−2. Functions 0 and 1 PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status ‡
Command
04h
Class code
Revision ID
08h
BIST
Header type
Latency timer
Cache line size
0Ch
CardBus socket registers/ExCA base address register
10h
Secondary status ‡
Reserved
Capability pointer
14h
CardBus latency timer
Subordinate bus number
CardBus bus number
PCI bus number
18h
CardBus memory base register 0
1Ch
CardBus memory limit register 0
20h
CardBus memory base register 1
24h
CardBus memory limit register 1
28h
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com