Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 16Page - Advanced Micro Devices CS5530A Datasheet HTML 17Page - Advanced Micro Devices CS5530A Datasheet HTML 18Page - Advanced Micro Devices CS5530A Datasheet HTML 19Page - Advanced Micro Devices CS5530A Datasheet HTML 20Page - Advanced Micro Devices CS5530A Datasheet HTML 21Page - Advanced Micro Devices CS5530A Datasheet HTML 22Page - Advanced Micro Devices CS5530A Datasheet HTML 23Page - Advanced Micro Devices CS5530A Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 259 page
background image
20
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
Figure 3-1.
CS5530A Signal Groups (Continued)
3.1
Pin Assignments
The tables in this section use several common abbrevia-
tions. Table 3-1 lists the mnemonics and their meanings.
Figure 3-2 shows the pin assignment for the CS5530A with
Tables 3-2 and 3-3 listing the pin assignments sorted by pin
number and alphabetically by signal name, respectively.
In Section 3.2 "Signal Descriptions" on page 29 a descrip-
tion of each signal within its associated functional group is
provided.
In the signal definitions, references to F0-F4, F1BAR,
F2BAR, F3BAR, F4BAR, and PCIUSB are made. These
terms relate to designated register spaces. Refer to Table
5-1 "PCI Configuration Address Register (0CF8h)" on page
144 for details regarding these register spaces and their
access mechanisms.
EXTVREFIN
IOUTG
IOUTB
AVSS1-5
IOUTR
AVDD1-3
HSYNC_OUT
HSYNC
VSYNC
FP_DATA17 (MASTER#)
FP_CLK (No Function)
Display: CRT
VSYNC_OUT
DDC_SCL
DDC_SDA
FP_HSYNC_OUT (SMEMW#)
FP_CLK_EVEN (No Function)
FP_VSYNC_OUT (SMEMR#)
IREF
FP_DISP_ENA_OUT (No Function)
FP_ENA_VDD (No Function)
FP_ENA_BKL (No Function)
FP_HSYNC (No Function)
FP_VSYNC (No Function)
Analog
Display: MPEG
PLLDVD
PLLVAA
DCLKPLL
Analog
PLLAGD
PLLDGN
VID_RDY
VID_VAL
VID_CLK
VID_DATA[7:0]
SA[19:16]
(SA_DIR) SA_LATCH
SBHE#
BALE
IOCHRDY
ZEROWS#
IOR#
IOW#
MEMCS16#
MEMR#
MEMW#
AEN
DRQ[7:5], [3:0]
DACK#[7:5], [3:0]
TC
IRQ[15:14], [12:9], [7:3], 1
ISA Bus
IRQ8#
IOCS16#
(SD[15:0]) SA[15:0]/SD[15:0]
GPCS#
GPORT_CS#
(SA[23:20]) GPIO[7:4]/SA[23:20]
GPIO[3:2]
GPIO1/SDATA_IN2
GPIO0
Game Port/
GPIO
SMEMW#/RTCCS#
SMEMR#/RTCALE
FP_DATA16 (SA_OE#)
FP_DATA[15:0] (SA[15:0])
External RTC
Display: TFT/TV
Table 3-1. Pin Type Definitions
Mnemonic
Definition
I
Input pin1
1.
All buffers are 5 volt tolerant.
I/O
Bidirectional pin1,2
2.
All digital bidirectional and output pins can be TRI-STATE sig-
nals unless a weak pull-up is enabled.
O
Output pin1, 2
OD
Open-drain output structure that allows multiple
devices to share the pin in a wired-OR configura-
tion
PU
Pull-up resistor
SMT
Schmitt Trigger
VDD (PWR)
Power pin
VSS (GND)
Ground pin
#
The “#” symbol at the end of a signal name indi-
cates that the active, or asserted state occurs
when the signal is at a low voltage level. When
“#” is not present after the signal name, the sig-
nal is asserted when at a high voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com