Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 40Page - Advanced Micro Devices CS5530A Datasheet HTML 41Page - Advanced Micro Devices CS5530A Datasheet HTML 42Page - Advanced Micro Devices CS5530A Datasheet HTML 43Page - Advanced Micro Devices CS5530A Datasheet HTML 44Page - Advanced Micro Devices CS5530A Datasheet HTML 45Page - Advanced Micro Devices CS5530A Datasheet HTML 46Page - Advanced Micro Devices CS5530A Datasheet HTML 47Page - Advanced Micro Devices CS5530A Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 259 page
background image
44
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
FP_DISP_
ENA_OUT
F2
O
Flat Panel Display Enable Output
This is the display enable for an attached active matrix TFT flat panel. This
signal qualifies active pixel data on the flat panel interface.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_ENA_VDD
L2
O
Flat Panel VDD Enable
This is the enable signal for the VDD supply to an attached flat panel. It is
under the control of power sequence control logic. A transition on bit 6 of the
Display Configuration Register (F4BAR+Memory Offset 04h) initiates a
power-up/down sequence.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_ENA_BKL
J4
O
Flat Panel Backlight Enable Output
This is the enable signal for the backlight power supply to an attached flat
panel. It is under control of the power sequence control logic.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
Display MPEG
VID_DATA[7:0]
C12,
B12,
A12,
D11,
C11,
B13,
C13,
A11
I
Video Data Port
This is the input data for a video (MPEG) or graphics overlay in its native
form. For video overlay, this data is in an interleaved YUV 4:2:2 format. For
graphics overlay, the data is in RGB 5:6:5 format. This port operates at the
VID_CLK rate.
VID_CLK
A6
I
Video Clock
This is the clock for the video port. This clock is completely asynchronous to
the input pixel clock rate.
VID_VAL
B7
I
Video Valid
This signal indicates that valid video data is being presented on the
VID_DATA input port. If the VID_RDY signal is also asserted, the data will
advance.
VID_RDY
B10
O
Video Ready
This signal indicates that the CS5530A is ready to receive the next piece of
video data on the VID_DATA port. If the VID_VAL signal is also asserted, the
data will advance.
3.2.11
Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com