Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 90Page - Advanced Micro Devices CS5530A Datasheet HTML 91Page - Advanced Micro Devices CS5530A Datasheet HTML 92Page - Advanced Micro Devices CS5530A Datasheet HTML 93Page - Advanced Micro Devices CS5530A Datasheet HTML 94Page - Advanced Micro Devices CS5530A Datasheet HTML 95Page - Advanced Micro Devices CS5530A Datasheet HTML 96Page - Advanced Micro Devices CS5530A Datasheet HTML 97Page - Advanced Micro Devices CS5530A Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 259 page
background image
94
AMD Geode™ CS5530A Companion Device Data Book
PC/AT Compatibility Logic
Revision 1.1
4.5.2.3
ISA Bus Data Steering
The CS5530A performs all of the required data steering
from SD[7:0] to SD[15:0] during normal 8-bit ISA cycles, as
well as during DMA and ISA master cycles. It handles data
transfers between the 32-bit PCI data bus and the ISA bus.
8/16-bit devices can reside on the ISA bus. Various PC-
compatible I/O registers, DMA controller registers, interrupt
controller registers, and count registers (for loading timers)
lie on the on-chip I/O data bus. Either the PCI bus master
or the DMA controllers can become the bus owner.
When the PCI bus master is the bus owner, the CS5530A
data steering logic provides data conversion necessary for
8/16/32-bit transfers to and from 8/16-bit devices on either
the ISA bus or the 8-bit registers on the on-chip I/O data
bus. When PCI data bus drivers of the CS5530A are
tristated, data transfers between the PCI bus master and
PCI bus devices are handled directly via the PCI data bus.
When the DMA requestor is the bus owner, the CS5530A
allows 8/16-bit data transfer between the ISA bus and the
PCI data bus.
4.5.2.4
I/O Recovery Delays
In normal operation, the CS5530A inserts a delay between
back-to-back ISA I/O cycles that originate on the PCI bus.
The default delay is four ISACLK cycles. Thus, the second
of consecutive I/O cycles is held in the ISA bus controller
until this delay count has expired. The delay is measured
between the rising edge of IOR#/IOW# and the falling edge
of BALE. This delay can be adjusted to a greater delay
through the ISA I/O Recovery Control Register (F0 Index
51h, see Table 4-38).
Note:
This delay is not inserted for a 16-bit ISA I/O
access that is split into two 8-bit I/O accesses.
Table 4-38. I/O Recovery Programming Register
Bit
Description
F0 Index 51h
ISA I/O Recovery Control Register (R/W)
Reset Value = 40h
7:4
8-Bit I/O Recovery: These bits determine the number of ISA bus clocks between back-to-back 8-bit I/O read cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000 = 1 ISA clock
0100 = 5 ISA clocks
1000 = 9 ISA clocks
1100 = 13 ISA clocks
0001 = 2 ISA clocks
0101 = 6 ISA clocks
1001 = 10 ISA clocks
1101 = 14 ISA clocks
0010 = 3 ISA clocks
0110 = 7 ISA clocks
1010 = 11 ISA clocks
1110 = 15 ISA clocks
0011 = 4 ISA clocks
0111 = 8 ISA clocks
1011 = 12 ISA clocks
1111 = 16 ISA clocks
3:0
16-Bit I/O Recovery: These bits determine the number of ISA bus clocks between back-to-back 16-bit I/O cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000 = 1 ISA clock
0100 = 5 ISA clocks
1000 = 9 ISA clocks
1100 = 13 ISA clocks
0001 = 2 ISA clocks
0101 = 6 ISA clocks
1001 = 10 ISA clocks
1101 = 14 ISA clocks
0010 = 3 ISA clocks
0110 = 7 ISA clocks
1010 = 11 ISA clocks
1110 = 15 ISA clocks
0011 = 4 ISA clocks
0111 = 8 ISA clocks
1011 = 12 ISA clocks
1111 = 16 ISA clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com