Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 56Page - Advanced Micro Devices CS5530A Datasheet HTML 57Page - Advanced Micro Devices CS5530A Datasheet HTML 58Page - Advanced Micro Devices CS5530A Datasheet HTML 59Page - Advanced Micro Devices CS5530A Datasheet HTML 60Page - Advanced Micro Devices CS5530A Datasheet HTML 61Page - Advanced Micro Devices CS5530A Datasheet HTML 62Page - Advanced Micro Devices CS5530A Datasheet HTML 63Page - Advanced Micro Devices CS5530A Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 259 page
background image
60
AMD Geode™ CS5530A Companion Device Data Book
Power Management
Revision 1.1
4.4
Power Management
The
hardware
resources
provided
by
a
combined
CS5530A/GX1 based system support a full-featured power
management implementation. The extent to which these
resources are employed depends on the application and
the discretion of the system designer.
Power management resources can be grouped according
to the function they enable or support. The major functions
are as follows:
• CPU Power Management
—On
—Active Idle
— Suspend
— 3 Volt Suspend
—Off
— Save-to-Disk/Save-to-RAM
— Suspend Modulation
• APM Support
• Peripheral Power Management
— Device Idle Timers and Traps
— General Purpose Timers
— ACPI Timer Register
— General Purpose I/O Pins
— Power Management SMI Status Reporting Registers
— Device Power Management Register Programming
Summary
Included in the following subsections are details regarding
the registers used for configuring power management fea-
tures. The majority of these registers are directly accessed
through the PCI configuration register space designated as
Function 0 (F0). However, included in the discussions are
references to F1BAR+Memory Offset 10h. This refers to
the registers accessed through a base address register in
Function 1 (F1) at Index 10h (F1BAR). F1BAR sets the
base address for the SMI status and ACPI timer support
registers as shown in Table 3-11.
4.4.1
CPU Power Management
The three greatest power consumers in a system are the
display, hard drive, and CPU. The power management of
the first two is relatively straightforward and is discussed in
Section 4.4.3 "Peripheral Power Management" on page 67.
CPU power management is supported through several
mechanisms resulting in five defined system power condi-
tions:
• On
• Active Idle
• Suspend
• 3 Volt Suspend
• Off
There are also three derivative power conditions defined:
• Suspend Modulation
— Combination of On and Suspend
• Save-to-Disk
— Off with the ability to return back to the exact system
condition without rebooting
• Save-to-RAM
— Extreme 3 Volt Suspend with only the contents of
RAM still powered
4.4.1.1
On
System is running and the CPU is actively executing code.
Table 4-11. Base Address Register (F1BAR) for SMI Status and ACPI Timer Support
Bit
Description
F1 Index 10h-13h
Base Address Register — F1BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped SMI status and ACPI timer related registers. Bits [7:0] are read only (00h),
indicating a 256-byte memory address range. Refer to Table 5-16 for the SMI status and ACPI timer registers bit formats and reset val-
ues. The upper 16 bytes are always mapped to the ACPI timer, and are always memory mapped.
Note: The ACPI Timer Count Register is accessible through F1BAR+Memory Offset 1Ch and I/O Port 121Ch.
31:8
SMI Status/Power Management Base Address
7:0
Address Range (Read Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com