Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 7Page - Advanced Micro Devices CS5530A Datasheet HTML 8Page - Advanced Micro Devices CS5530A Datasheet HTML 9Page - Advanced Micro Devices CS5530A Datasheet HTML 10Page - Advanced Micro Devices CS5530A Datasheet HTML 11Page - Advanced Micro Devices CS5530A Datasheet HTML 12Page - Advanced Micro Devices CS5530A Datasheet HTML 13Page - Advanced Micro Devices CS5530A Datasheet HTML 14Page - Advanced Micro Devices CS5530A Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
11
AMD Geode™ CS5530A Companion Device
Revision 1.1
1.0AMD Geode™ CS5530A
Companion Device
1.1
General Description
The AMD Geode™ CS5530A companion device is
designed to work in conjunction with an AMD Geode™
GX1 processor. Together, the Geode GX1 processor and
CS5530A companion device provide a system-level solu-
tion well suited for the high performance needs of a host of
devices which include digital set-top boxes and thin client
devices. Due to the low power consumption of the GX1
processor, this solution satisfies the needs of battery pow-
ered devices such as AMD’s WebPAD system, and thermal
design is eased allowing for fanless system design.
The CS5530A is a PCI-to-ISA bridge (South Bridge), ACPI-
compliant chipset that provides AT/ISA style functionality.
The device contains state-of-the-art power management
that enables systems, especially battery powered systems,
to significantly reduce power consumption.
Audio is supported through PCI bus master engines that
connect to an AC97 compatible codec. If industry standard
audio is required, a combination of hardware and software
called Virtual System Architecture™ (VSA) technology is
provided.
The Geode GX1 processor’s graphics/video output is con-
nected to the CS5530A. The CS5530A graphics/video sup-
port includes a PLL that generates the DOT clock for the
GX1 processor (where the graphics controller is located),
video acceleration hardware, gamma RAM plus three
DACs for RGB output to CRT, and digital RGB that can be
directly connected to TFT panels or NTSC/PAL encoders.
Figure 1-1. Block Diagram
X-Bus
ISA Bus
PCI Bus
USB
PCI to X-Bus / X-Bus to PCI Bridge
PCI to USB Macro
Active Decode
Address Mapper
Audio/Codec/MPU
Interface
Pwr Mgmt, Traps,
Events, and Timers
IDE
Interface
Display Interface
MPEG, DOT Clock
CSC and SCL
RGB/FP Interface
AT Compatibility Logic
ISA Bus Interface
AT Ports, ISA Megacells
TFT/CRT
PCI Configuration
Registers
Graphics
and Video
from CPU
X-Bus Arbiter
CS5530A Support
GPIOs
IDE
AC97 Codec
Ultra DMA/33
Joystick / Game Port
Joystick
GPCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com