Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 11Page - Advanced Micro Devices CS5530A Datasheet HTML 12Page - Advanced Micro Devices CS5530A Datasheet HTML 13Page - Advanced Micro Devices CS5530A Datasheet HTML 14Page - Advanced Micro Devices CS5530A Datasheet HTML 15Page - Advanced Micro Devices CS5530A Datasheet HTML 16Page - Advanced Micro Devices CS5530A Datasheet HTML 17Page - Advanced Micro Devices CS5530A Datasheet HTML 18Page - Advanced Micro Devices CS5530A Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
15
Architecture Overview
Revision 1.1
2.5
IDE Controllers
The CS5530A integrates two PCI bus mastering, ATA-4
compatible IDE controllers. These controllers support Ultra
DMA/33 (enabled in Microsoft® Windows 95 and Windows
NT® by using a driver provided by AMD), Multiword DMA,
and Programmed I/O (PIO) modes. Two devices are sup-
ported on each controller. The data-transfer speed for each
device on each controller can be independently pro-
grammed. This allows high-speed IDE peripherals to coex-
ist on the same channel as lower speed devices. Faster
devices must be ATA-4 compatible.
2.6
Power Management
The CS5530A integrates advanced power management
features including:
• Idle timers for common system peripherals
• Address trap registers for programmable address
ranges for I/O or memory accesses
• Up to eight programmable GPIOs
• Clock throttling with automatic speedup for the CPU
clock
• Software CPU stop clock
• Save-to-Disk/RAM with peripheral shadow registers
• Dedicated serial bus to/from the GX1 processor
providing CPU power management status
The CS5530A is an ACPI (Advanced Control and Power
Interface) compliant chipset. An ACPI compliant system is
one whose underlying BIOS, device drivers, chipset and
peripherals conform to revision 1.0 or newer of the ACPI
specification. The “Fixed Feature” and “General Purpose”
registers are virtual. They are emulated by the SMI han-
dling code rather than existing in physical hardware. To the
ACPI compliant operating system, the SMI-base virtualiza-
tion is transparent; however, to eliminate unnecessary
latencies, the ACPI timer exists in physical hardware.
The CS5530A V-ACPI (Virtual ACPI) solution provides the
following support:
• CPU States — C1, C2
• Sleep States — S1, S2, S4, S4BIOS, S5
• Embedded Controller (Optional) — SCI and SWI event
inputs.
• General Purpose Events — Fully programmable GPE0
Event Block registers.
2.6.1
GPIO Interface
Eight GPIO pins are provided for general usage in the sys-
tem. GPIO[3:0] are dedicated pins and can be configured
as inputs or outputs. GPIO[7:4] can be configured as the
upper addresses of the ISA bus, SA[23:20]. All GPIOs can
also be configured to generate an SMI on input edge tran-
sitions.
2.7
XpressAUDIO™ Subsystem
XpressAUDIO™ architecture in the CS5530A offers a com-
bined hardware/software support solution to meet industry
standard audio requirements. XpressAUDIO architecture
uses VSA technology along with additional hardware fea-
tures to provide the necessary support for industry stan-
dard 16-bit stereo synthesis and OPL3 emulation.
The hardware portion of the XpressAUDIO subsystem can
broadly be divided into two categories. Hardware for:
• Transporting streaming audio data to/from the system
memory and an AC97 codec.
• VSA technology support.
2.7.1
AC97 Codec Interface
The CS5530A provides an AC97 Specification Revision
1.3, 2.0, and 2.1 compatible interface. Any AC97 codec
which supports an independent input and output sample
rate conversion interface can be used with the CS5530A.
This type of codec allows for a design which meets the
requirements for PC97 and PC98-compliant audio as
defined by Microsoft Corporation. Figure 2-2 shows the
codec and CS5530A signal connections. For specifics on
the serial interface, refer to the appropriate codec manufac-
turer’s data sheet.
Low latency audio I/O is accomplished by a buffered PCI
bus mastering controller.
Figure 2-2. AC97 Codec Signal Connections
2.7.2
VSA Technology Support Hardware
The CS5530A companion device incorporates the required
hardware in order to support VSA technology for the cap-
ture and playback of audio using an external codec. This
eliminates much of the hardware traditionally associated
with industry standard audio functions.
XpressAUDIO software provides 16-bit compatible sound.
This software is available to OEMs for incorporation into
the system BIOS ROM.
BITCLK
PC_BEEP
SDAT_I
SDAT_O
PC_BEEP
SDATA_IN
SDATA_OUT
AC97
Geode™
BIT_CLK
24.576 MHz
SYNC
SYNC
Codec
External Source
CS5530A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com