Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 26Page - Advanced Micro Devices CS5530A Datasheet HTML 27Page - Advanced Micro Devices CS5530A Datasheet HTML 28Page - Advanced Micro Devices CS5530A Datasheet HTML 29Page - Advanced Micro Devices CS5530A Datasheet HTML 30Page - Advanced Micro Devices CS5530A Datasheet HTML 31Page - Advanced Micro Devices CS5530A Datasheet HTML 32Page - Advanced Micro Devices CS5530A Datasheet HTML 33Page - Advanced Micro Devices CS5530A Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 259 page
background image
30
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
3.2.3
CPU Interface
Signal Name
Pin
No.
Pin
Type
Description
INTR
P26
Strap
Option
Pin
O
CPU Interrupt Request
INTR is the level output from the integrated 8259 PICs and is asserted if an
unmasked interrupt request (IRQn) is sampled active.
I
Strap Option Select Pin
Pin P26 is a strap option select pin. It is used to select whether the
CS5530A operates in Limited ISA or ISA Master mode.
ISA Limited Mode—Strap pin P26 low through a 10-kohm resistor.
ISA Master Mode—Strap pin P26 high through a 10-kohm resistor.
SMI#
P25
I/O
System Management Interrupt
SMI# is a level-sensitive interrupt to the CPU that can be configured to
assert on a number of different system events. After an SMI# assertion,
System Management Mode (SMM) is entered, and program execution
begins at the base of SMM address space.
Once asserted, SMI# remains active until all SMI sources are cleared.
IRQ13
R23
I
IRQ13
IRQ13 is an input from the processor indicating that a floating point error
was detected and that INTR should be asserted.
PSERIAL
L26
I
Power Management Serial Interface
PSERIAL is the unidirectional serial data link between the GX1 processor
and the CS5530A. An 8-bit serial data packet carries status on power man-
agement events within the CPU. Data is clocked synchronous to the PCI-
CLK input clock.
SUSP#
K26
O
CPU Suspend
SUSP# asserted requests that the CPU enters Suspend mode and the CPU
asserts SUSPA# after completion. The SUSP# pin is deasserted if SUSP#
has gone active and any Speedup or Resume event has occurred, including
expiration of the Suspend Modulation ON timer, which is loaded from F0
Index 95h. If the SUSP#/SUSPA# handshake is configured as a system 3
Volt Suspend, the deassertion of SUSP# is delayed by an interval pro-
grammed in F0 Index BCh[7:4] to allow the system clock chip and the pro-
cessor to stabilize.
The SUSP#/SUSPA# handshake occurs as a result of a write to the Sus-
pend Notebook Command Register (F0 Index AFh), or expiration of the Sus-
pend Modulation OFF timer (loaded from F0 Index 94h) when Suspend
Modulation is enabled. Suspend Modulation is enabled via F0 Index 96h[0].
If SUSPA# is asserted as a result of a HALT instruction, SUSP# does not
deassert when the Suspend Modulation ON timer (loaded from F0 Index
95h) expires.
SUSPA#
L25
I
CPU Suspend Acknowledge
SUSPA# is a level input from the processor. When asserted it indicates the
CPU is in Suspend mode as a result of SUSP# assertion or execution of a
HALT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com