Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 39Page - Advanced Micro Devices CS5530A Datasheet HTML 40Page - Advanced Micro Devices CS5530A Datasheet HTML 41Page - Advanced Micro Devices CS5530A Datasheet HTML 42Page - Advanced Micro Devices CS5530A Datasheet HTML 43Page - Advanced Micro Devices CS5530A Datasheet HTML 44Page - Advanced Micro Devices CS5530A Datasheet HTML 45Page - Advanced Micro Devices CS5530A Datasheet HTML 46Page - Advanced Micro Devices CS5530A Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
43
Signal Definitions
Revision 1.1
FP_CLK
M1
O
Limited ISA Mode: Flat Panel Clock
This is the clock for the flat panel interface.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A cannot support TFT flat
panels or TV controllers.
FP_CLK_EVEN
L3
O
Limited ISA Mode: Flat Panel Even Clock
This is an optional output clock for a set of external latches used to de-multi-
plex the flat panel data bus into two channels (odd/even). Typically this
would be used to interface to a pair of LVDS transmitters driving an XGA
resolution flat panel.
F4BAR+Memory Offset 04h[12] enables the FP_CLK_EVEN output:
0 = Standard flat panel
1 = XGA flat panel
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_HSYNC
C2
I
Limited ISA Mode: Flat Panel Horizontal Sync Input
This is the horizontal sync input reference from the processor’s display con-
troller. The timing of this signal is independent of the standard (CRT) hori-
zontal sync input to allow a different timing relationship between the flat
panel and an attached CRT.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_HSYNC_OUT
/SMEMW#
E1
O
Limited ISA Mode: Flat Panel Horizontal Sync Output
This is the horizontal sync for an attached active matrix TFT flat panel. This
represents a delayed version of the input flat panel horizontal sync signal
with the appropriate pipeline delay relative to the pixel data.
ISA Master Mode: System Memory Write
Refer to Section 3.2.5 "ISA Bus Interface" on page 34 for this signal’s defini-
tion.
FP_VSYNC
C1
I
Limited ISA Mode: Flat Panel Vertical Sync Input
This is the vertical sync input reference from the processor’s display control-
ler. The timing of this signal is independent of the standard (CRT) vertical
sync input to allow a different timing relationship between the flat panel and
an attached CRT.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_VSYNC_OUT
/SMEMR#
E3
O
Limited ISA Mode: Flat Panel Vertical Sync Output
This is the vertical sync for an attached active matrix TFT flat panel. This
represents a delayed version of the input flat panel vertical sync signal with
the appropriate pipeline delay relative to the pixel data.
ISA Master Mode: System Memory Read
Refer to Section 3.2.5 "ISA Bus Interface" on page 34 on for this signal’s def-
inition.
3.2.11
Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com