Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 41Page - Advanced Micro Devices CS5530A Datasheet HTML 42Page - Advanced Micro Devices CS5530A Datasheet HTML 43Page - Advanced Micro Devices CS5530A Datasheet HTML 44Page - Advanced Micro Devices CS5530A Datasheet HTML 45Page - Advanced Micro Devices CS5530A Datasheet HTML 46Page - Advanced Micro Devices CS5530A Datasheet HTML 47Page - Advanced Micro Devices CS5530A Datasheet HTML 48Page - Advanced Micro Devices CS5530A Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
45
Signal Definitions
Revision 1.1
3.2.12
DCLK PLL
Signal Name
Pin
No.
Pin
Type
Description
PLLTEST
N23
--
PLLTEST
Internal test pin. This pin should not be connected for normal operation.
PLLVAA
M25
I
Analog
Analog PLL Power (VDD)
PLLVAA is the analog positive rail power connection to the PLL.
PLLAGD
N25
I
Analog
Analog PLL Ground (VSS)
PLLAGD is the analog ground rail connection to the PLL.
PLLDVD
M23
I
Analog
Digital PLL Power (VDD)
This pin is the digital VDD power connection for the PLL.
PLLDGN
N26
I
Analog
Digital PLL Ground (VSS)
This pin is the digital ground (VSS) connection for the PLL.
3.2.13
Power, Ground, and No Connects
Signal Name
Pin No.
Pin
Type
Description
VDD
Refer to
Table 3-3
(Total of 17)
PWR
3.3V (Nominal) Power Connection
Note that the USB power (VDD_USB, AVDD_USB) connections are
listed in Section 3.2.8 "USB Interface" on page 39.
VSS
Refer to
Table 3-3
(Total of 38)
GND
Ground Connection
Note that the USB ground (AVSS_USB) connection is listed in Section
3.2.8 "USB Interface" on page 39.
NC
Refer to
Table 3-3
(Total of 20)
--
No Connection
These lines should be left disconnected. Connecting a pull-up/-down
resistor or to an active signal could cause unexpected results and pos-
sible malfunctions.
3.2.14
Internal Test and Measurement
Signal Name
Pin
No.
Pin
Type
Description
TEST
D3
I
Test Mode
TEST should be tied low for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com