Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 72Page - Advanced Micro Devices CS5530A Datasheet HTML 73Page - Advanced Micro Devices CS5530A Datasheet HTML 74Page - Advanced Micro Devices CS5530A Datasheet HTML 75Page - Advanced Micro Devices CS5530A Datasheet HTML 76Page - Advanced Micro Devices CS5530A Datasheet HTML 77Page - Advanced Micro Devices CS5530A Datasheet HTML 78Page - Advanced Micro Devices CS5530A Datasheet HTML 79Page - Advanced Micro Devices CS5530A Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 259 page
background image
76
AMD Geode™ CS5530A Companion Device Data Book
Power Management
Revision 1.1
Although not considered as device idle timers, two addi-
tional timers are provided by the CS5530A. The Video Idle
Timer used for Suspend determination and the VGA Timer
used for SoftVGA.
These timers and their associated programming bits are
listed in Tables 4-26 and 4-27.
Table 4-26. Video Idle Timer and Trap Related Registers
Bit
Description
F0 Index 81h
Power Management Enable Register 2 (R/W)
Reset Value = 00h
7
Video Access Idle Timer Enable: Load timer from Video Idle Timer Count Register (F0 Index A6h) and generate an SMI
when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the video address range (sets bit 0 of the GX1 processor’s PSERIAL register) the timer is reloaded
with the programmed count.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
F0 Index 82h
Power Management Enable Register 3 (R/W)
Reset Value = 00h
7
Video Access Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the video address range (sets bit 0 of the GX1 processor’s PSERIAL
register) an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[7].
F0 Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Video Idle Timer Count: The idle timer loaded from this register determines when the graphics subsystem has been idle as
part of the Suspend determination algorithm. The 16-bit value programmed here represents the period of video inactivity
after which the system is alerted via an SMI. The count in this timer is automatically reset whenever an access occurs to the
graphics controller space. The timer uses a 1 second timebase.
In a GX1 processor based system the graphics controller is embedded in the CPU, so video activity is communicated to the
CS5530A via the serial connection (PSERIAL register, bit 0) from the processor. The CS5530A also detects accesses to
standard VGA space on PCI (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) in the event an external VGA controller is being used.
To enable this timer set F0 Index 81h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Table 4-27. VGA Timer Related Registers
Bit
Description
F0 Index 83h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
3
VGA Timer Enable: Turn on VGA Timer and generate an SMI when the timer reaches 0. 0 = Disable; 1 = Enable.
VGA Timer programming is at F0 Index 8Eh and F0 Index 8Bh[6].
To reload the count in the VGA timer, disable it, optionally change the count value in F0 Index 8Eh[7:0], and reenable it
before enabling power management.
SMI Status reporting is at F1BAR+Memory Offset 00h/02h[6] (only).
Although grouped with the power management Idle Timers, the VGA Timer is not a power management function. The VGA
Timer counts whether power management is enabled or disabled.
F0 Index 8Bh
General Purpose Timer 2 Control Register (R/W)
Reset Value = 00h
6
VGA Timer Base: Selects timebase for VGA Timer Register (F0 Index 8Eh). 0 = 1 ms; 1 = 32 µs.
F0 Index 8Eh
VGA Timer Count Register
7:0
VGA Timer Load Value: This register holds the load value for the VGA timer. The value is loaded into the timer when the
timer is enabled (F0 Index 83h[3] = 1). The timer is decremented with each clock of the configured timebase (F0 Index
8Bh[6]). Upon expiration of the timer, an SMI is generated and the status is reported in F1BAR+Memory Offset 00h/02h[6]
(only). Once expired, this timer must be re-initialized by disabling it (F0 Index 83h[3] = 0) and then enabling it (F0 Index
83h[3] = 1). When the count value is changed in this register, the timer must be re-initialized in order for the new value to be
loaded.
This timer’s timebase is selectable as 1 ms (default) or 32 µs. (F0 Index 8Bh).
Note: Although grouped with the power management Idle Timers, the VGA Timer is not a power management function. It is
not affected by the Global Power Management Enable setting at F0 Index 80h[0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com