Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 23Page - Advanced Micro Devices CS5530A Datasheet HTML 24Page - Advanced Micro Devices CS5530A Datasheet HTML 25Page - Advanced Micro Devices CS5530A Datasheet HTML 26Page - Advanced Micro Devices CS5530A Datasheet HTML 27Page - Advanced Micro Devices CS5530A Datasheet HTML 28Page - Advanced Micro Devices CS5530A Datasheet HTML 29Page - Advanced Micro Devices CS5530A Datasheet HTML 30Page - Advanced Micro Devices CS5530A Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
27
Signal Definitions
Revision 1.1
NC
--
--
AD2
NC
--
--
AD3
NC
--
--
AE1
NC
--
--
AE2
NC
--
--
AF1
NC
--
--
AF2
NC
--
--
D2
NC
--
--
M26
NC
--
--
N24
NC
--
--
T1
NC
--
--
W2
NC
--
--
Y3
OVER_CUR#
I
8 mA
W3
PAR
I/O
PCI
A21
PC_BEEP
O
8 mA
V3
PCICLK
I (SMT)
CLK
J26
PCI_RST#
O
8 mA
C14
PCLK
I
8 mA
A13
PERR#
I/O
PCI
B22
PIXEL0
I
8 mA
A1
PIXEL1
I
8 mA
A2
PIXEL2
I
8 mA
A3
PIXEL3
I
8 mA
C4
PIXEL4
I
8 mA
B3
PIXEL5
I
8 mA
B4
PIXEL6
I
8 mA
D5
PIXEL7
I
8 mA
A4
PIXEL8
I
8 mA
B6
PIXEL9
I
8 mA
D6
PIXEL10
I
8 mA
A5
PIXEL11
I
8 mA
C5
PIXEL12
I
8 mA
A7
PIXEL13
I
8 mA
D7
PIXEL14
I
8 mA
C7
PIXEL15
I
8 mA
B8
PIXEL16
I
8 mA
A8
PIXEL17
I
8 mA
C8
PIXEL18
I
8 mA
B9
PIXEL19
I
8 mA
A9
PIXEL20
I
8 mA
D9
PIXEL21
I
8 mA
C9
PIXEL22
I
8 mA
B11
PIXEL23
I
8 mA
C10
PLLAGD
I, Analog
--
N25
PLLDGN
I, Analog
--
N26
PLLDVD
I, Analog
--
M23
PLLTEST
--
--
N23
PLLVAA
I, Analog
--
M25
POR#
I
8 mA
K24
POWER_EN
O
8 mA
V4
PSERIAL
I
8 mA
L26
Signal Name
Pin
Type1
Buffer
Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
REQ#
O
PCI
J25
SA0/SD0
SD0
I/O (PU)
8 mA
AE9
SA1/SD1
SD1
I/O (PU)
8 mA
AE6
SA2/SD2
SD2
I/O (PU)
8 mA
AD9
SA3/SD3
SD3
I/O (PU)
8 mA
AC6
SA4/SD4
SD4
I/O (PU)
8 mA
AF6
SA5/SD5
SD5
I/O (PU)
8 mA
AD5
SA6/SD6
SD6
I/O (PU)
8 mA
AF5
SA7/SD7
SD7
I/O (PU)
8 mA
AF4
SA8/SD8
SD8
I/O (PU)
8 mA
AF19
SA9/SD9
SD9
I/O (PU)
8 mA
AD1
9
SA10/SD10
SD10
I/O (PU)
8 mA
AC2
0
SA11/SD11
SD11
I/O (PU)
8 mA
AF21
SA12/SD12
SD12
I/O (PU)
8 mA
AE21
SA13/SD13
SD13
I/O (PU)
8 mA
AE22
SA14/SD14
SD14
I/O (PU)
8 mA
AD2
4
SA15/SD15
SD15
I/O (PU)
8 mA
AE25
SA16
I/O (PU)
8 mA
AD1
1
SA17
I/O (PU)
8 mA
AF12
SA18
I/O (PU)
8 mA
AE11
SA19
I/O (PU)
8 mA
AD1
0
SA_LATCH
SA_DIR
O
8 mA
AD1
5
SBHE#
I/O (PU)
8 mA
AE17
SDATA_IN
I
8 mA
U4
SDATA_OUT
O
8 mA
V1
SERR#
I/O, OD
PCI
A22
SMEMR#/RTCALE
O
8 mA
AD4
SMEMW#/RTCCS#
O
8 mA
AF3
SMI#
I/O
8 mA
P25
STOP#
I/O
PCI
E26
SUSP#
O
8 mA
K26
SUSPA#
I
8 mA
L25
SUSP_3V
I/O
8 mA
L24
SYNC
O
8 mA
U3
TC
O
8 mA
AF15
TEST
I
8 mA
D3
TRDY#
I/O
PCI
B23
TVCLK
I
8 mA
B2
USBCLK
I (SMT)
CLK
W1
VDD
PWR
--
D10
VDD
PWR
--
D17
VDD
PWR
--
AC1
0
VDD
PWR
--
AC1
9
VDD
PWR
--
AD1
6
VDD
PWR
--
AD2
3
Signal Name
Pin
Type1
Buffer
Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
Table 3-3.
352 PBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com