Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 25Page - Advanced Micro Devices CS5530A Datasheet HTML 26Page - Advanced Micro Devices CS5530A Datasheet HTML 27Page - Advanced Micro Devices CS5530A Datasheet HTML 28Page - Advanced Micro Devices CS5530A Datasheet HTML 29Page - Advanced Micro Devices CS5530A Datasheet HTML 30Page - Advanced Micro Devices CS5530A Datasheet HTML 31Page - Advanced Micro Devices CS5530A Datasheet HTML 32Page - Advanced Micro Devices CS5530A Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
29
Signal Definitions
Revision 1.1
3.2
Signal Descriptions
3.2.1
Reset Interface
Signal Name
Pin
No.
Pin
Type
Description
PCI_RST#
C14
O
PCI Reset
PCI_RST# resets the PCI bus and is asserted while POR# is asserted, and
for approximately 9 ms following the deassertion of POR#.
POR#
K24
I
Power On Reset
POR# is the system reset signal generated from the power supply to indi-
cate that the system should be reset.
CPU_RST
K25
O
CPU Reset
CPU_RST resets the CPU and is asserted while POR# is asserted, and for
approximately 9 ms following the deassertion of POR#. CLK_14MHZ is
used to generate this signal.
3.2.2
Clock Interface
Signal Name
Pin
No.
Pin
Type
Description
PCICLK
J26
I
(SMT)
PCI Clock
The PCI clock is used to drive most circuitry of the CS5530A.
TVCLK
B2
I
Television Clock
The TVCLK is an input from a digital NTSC/PAL converter which is option-
ally re-driven back out onto the DCLK signal under software program con-
trol. This is only used if interfacing to a compatible digital NTSC/PAL
encoder device.
DCLK
A10
O
DOT Clock
DOT clock is generated by the CS5530A and typically connects to the pro-
cessor to create the clock used by the graphics subsystem. The minimum
frequency of DCLK is 10 MHz and the maximum is 200 MHz. However,
when DCLK is used as the graphics subsystem clock, the Geode processor
determines the maximum DCLK frequency.
ISACLK
AD6
O
ISA Bus Clock
ISACLK is derived from PCICLK and is typically programmed for approxi-
mately 8 MHz. F0 Index 50h[2:0] are used to program the ISA clock divisor.
CLK_14MHZ
P24
I
(SMT)
14.31818 MHz Clock
This clock is used to generate CPU_RST to the Geode processor. DOT
clock (DCLK) is also derived from this clock.
USBCLK
W1
I
(SMT)
USBCLK
This input is used as the clock source for the USB. In this mode, a 48 MHz
clock source input is required.
CLK_32K
AE3
I/O
32 KHz Clock
CLK_32K is a 32.768 KHz clock used to generate reset signals, as well as to
maintain power management functionality. It should be active when power is
applied to the CS5530A.
CLK_32K can be an input or an output. As an output CLK_32K is internally
derived from CLK_14MHZ. F0 Index 44h[5:4] are used to program this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com