Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 99Page - Advanced Micro Devices CS5530A Datasheet HTML 100Page - Advanced Micro Devices CS5530A Datasheet HTML 101Page - Advanced Micro Devices CS5530A Datasheet HTML 102Page - Advanced Micro Devices CS5530A Datasheet HTML 103Page - Advanced Micro Devices CS5530A Datasheet HTML 104Page - Advanced Micro Devices CS5530A Datasheet HTML 105Page - Advanced Micro Devices CS5530A Datasheet HTML 106Page - Advanced Micro Devices CS5530A Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
103
PC/AT Compatibility Logic
Revision 1.1
4.5.4.4
PCI Compatible Interrupts
The CS5530A allows the PCI interrupt signals INTA#,
INTB#, INTC#, and INTD# (also known in industry terms as
PIRQx#) to be mapped internally to any IRQ signal with the
PCI Interrupt Steering Registers 1 and 2, F0 Index 5Ch and
5Dh (Table 4-46). This reassignment does not disable the
corresponding IRQ pin. Two interrupt signals may not be
assigned to the same IRQ.
PCI interrupts are low-level sensitive, whereas PC/AT inter-
rupts are positive-edge sensitive; therefore, the PCI inter-
rupts are inverted before being connected to the 8259.
Although the controllers default to the PC/AT-compatible
mode (positive-edge sensitive), each IRQ may be individu-
ally programmed to be edge or level sensitive using the
Interrupt Edge/Level Sensitivity registers in I/O Port 4D0h
and 4D1h, as shown in Table 4-47. However, if the control-
lers are programmed to be level-sensitive via ICW1, all
interrupts must be level-sensitive. Figure 4-16 shows the
PCI interrupt mapping for the master/slave 8259 interrupt
controller.
Figure 4-16. PCI and IRQ Interrupt Mapping
PCI INTA#-INTD#
IRQ[15:14,12:9,7:3,1]
Steering Registers
F0 Index 5Ch,5Dh
ICW1
4D0h/4D1h
16
1
12
12
4
MASTER/SLAVE
8259 PIC
INTR
IRQ[13,8,0]
3
Level/Edge
IRQ3
IRQ4
IRQ15
Sensitivity
Table 4-46. PCI Interrupt Steering Registers
Bit
Description
F0 Index 5Ch
PCI Interrupt Steering Register 1 (R/W)
Reset Value = 00h
7:4
INTB# Target Interrupt: Selects target interrupt for INTB#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTA# Target Interrupt: Selects target interrupt for INTA#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
‘
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.
F0 Index 5Dh
PCI Interrupt Steering Register 2 (R/W)
Reset Value = 00h
7:4
INTD# Target Interrupt: Selects target interrupt for INTD#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTC# Target Interrupt: Selects target interrupt for INTC#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com