Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 161 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 161 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 157Page - Advanced Micro Devices CS5530A Datasheet HTML 158Page - Advanced Micro Devices CS5530A Datasheet HTML 159Page - Advanced Micro Devices CS5530A Datasheet HTML 160Page - Advanced Micro Devices CS5530A Datasheet HTML 161Page - Advanced Micro Devices CS5530A Datasheet HTML 162Page - Advanced Micro Devices CS5530A Datasheet HTML 163Page - Advanced Micro Devices CS5530A Datasheet HTML 164Page - Advanced Micro Devices CS5530A Datasheet HTML 165Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
161
Register Descriptions
Revision 1.1
3:0
INTA# Target Interrupt: Selects target interrupt for INTA#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
‘
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.
Index 5Dh
PCI Interrupt Steering Register 2 (R/W)
Reset Value = 00h
7:4
INTD# Target Interrupt: Selects target interrupt for INTD#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTC# Target Interrupt: Selects target interrupt for INTC#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.
Index 5Eh-6Fh
Reserved
Reset Value = xxh
Index 70h-71h
General Purpose Chip Select Base Address Register (R/W)
Reset Value = 0000h
15:0
General Purpose Chip Select I/O Base Address: This 16-bit value represents the I/O base address used to enable the
assertion of the GPCS# signal.
This register, together with General Purpose Chip Select Control Register (F0 Index 72h) is used to configure the
operation of the GPCS# pin.
Index 72h
General Purpose Chip Select Control Register (R/W)
Reset Value = 00h
7
General Purpose Chip Select: GPCS# (pin AF26). 0 = Disable; 1 = Enable.
If the GPCS# signal is disabled (i.e., this bit = 0) its output is permanently driven high.
6
Writes Result in Chip Select: Writes to configured I/O address (base address configured in F0 Index 70h and range con-
figured in bits [4:0]) causes GPCS# signal to be asserted. 0 = Disable; 1 = Enable.
5
Reads Result in Chip Select: Reads from configured I/O address (base address configured in F0 Index 70h and range
configured in bits [4:0]) causes GPCS# signal to be asserted. 0 = Disable; 1 = Enable.
4:0
General Purpose Chip Select I/O Address Range: This 5-bit field selects the range of GPCS# signal.
00000 = 1 byte
01111 = 16 bytes
00001 = 2 bytes
11111 = 32 bytes
00011 = 4 bytes
All other combinations are reserved.
00111 = 8 bytes
Note: This register, together with General Purpose Chip Select Base Address Register (F0 Index 70h) is used to configure the opera-
tion of the GPCS# pin.
Index 73h-7Fh
Reserved
Reset Value = xxh
Index 80h
Power Management Enable Register 1 (R/W)
Reset Value = 00h
7:6
Reserved: Set to 0.
5
Codec SDATA_IN SMI: Allow AC97 codec to generate an SMI due to codec producing a positive edge on SDATA_IN.
0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[2].
4
Video Speedup: Any video activity, as decoded from the serial connection (PSERIAL register, bit 0) from the GX1 proces-
sor disables clock throttling (via SUSP#/SUSPA# handshake) for a configurable duration when the system is power man-
aged using CPU Suspend modulation. 0 = Disable; 1 = Enable.
The duration of the speedup is configured in the Video Speedup Timer Count Register (F0 Index 8Dh). Detection of an
external VGA access (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) on the PCI bus is also supported. This configuration is non-
standard, but it does allow the power management routines to support an external VGA chip.
Table 5-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com