Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 52 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 48Page - STMicroelectronics TDA7513T Datasheet HTML 49Page - STMicroelectronics TDA7513T Datasheet HTML 50Page - STMicroelectronics TDA7513T Datasheet HTML 51Page - STMicroelectronics TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics TDA7513T Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
TDA7513T
52/59
Subaddress 9: Stereo decoder mute, st. dec. in-gain, mono, NB PEAK disch, Curr., pilot thresh,
deemph
Subaddress 10: Noise blanker
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Stereo Decoder Mute
0
high-ohmic mute, pilot hold, multipath time constant
short ENABLED (mute set by pin RDS mute LOW)
1
high-ohmic mute, pilot hold, multipath time constant
short DISABLED (regardless of pin RDS mute)
Stereo Decoder In-gain
11
0dB
10
2.5dB
01
4dB
00
5.5dB
Auto Zero Status
0
disabled
1
enabled; trans. 0
≥ 1 performs Autozero sequence
Force MONO
0ON
1
OFF (automatic MONO/STEREO switch)
Noise PEAK discharge current
0low
1High
Pilot Threshold
0low
1High
Demphasis
050
µs
175
µs
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Low threshold
00
0
65mV
00
1
60mV
--
-
-
11
1
30mV
Noise controlled threshold
0
0
320mV
0
1
260mV
1
0
200mV
1
1
140mV
Noise Blanker operation
0OFF
1ON
Overdeviation adjustment
0
0
2.8V
0
1
2.0V
1
0
1.2V
11
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com