Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
TDA7513T
14/59
4.3 STEREO DECODER.
Table 25. Stereo Decoder
(Vcc = 8V; deemphasis time constant = 50µs, VMPX = 305mVrms (75kHz deviation), fm= 1kHz, Gv = 4dB,
Tamb = 27°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Rin
Input Resistance
FM
70
100
130
k
Ω
AM
1.4
2
2.6
k
Ω
GV
Stereo decoder
input gain
min
0.5
dB
2.25
dB
4.0
dB
max
5.75
dB
SVRR
Supply Voltage Ripple Rejection
Vripple = 100mV; f = 1KHz
35
60
dB
a
Max. channel Separation
30
45
dB
THD
Total Harmonic Distortion
0.02
0.3
%
(S
+N)/N
Signal plus Noise to Noise Ratio
A-weighted, S = 2Vrms @
APout
80
91
dB
MONO/STEREO-SWITCH
VPTHST1
Pilot Threshold Voltage
for Stereo, PTH = 1
15
mV
VPTHST0
Pilot Threshold Voltage
for Stereo, PTH = 0
25
mV
VPTHMO1
Pilot Threshold Voltage
for Mono, PTH = 1
12
mV
VPTHMOO
Pilot Threshold Voltage
for Mono, PTH = 0
19
mV
PLL
∆f/f
Lock Range
-6
+6
%
f0
Center
frequency
range
min
VCO Vtuning fixed to
reference voltage
328
kHz
max
619
kHz
step
9.4
kHz
PILmax
Maximum input pilot voltage
@TUNERIN
276
mV
DEEMPHASIS and HIGHCUT
τHC50
Deemphasis Time Constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCH
25
50
75
µs
τHC75
Deemphasis Time Constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCH
50
75
100
µs
τHC50
Highcut Time Constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCL
100
150
200
µs
τHC75
Highcut Time Constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCL
150
225
300
µs
STEREOBLEND- and HIGHCUT-CONTROL
REF5V
Internal Reference Voltage
4.7
5
5.3
V
LGmin
Min. LEVEL Gain
-1
0
1
dB
LGmax
Max. LEVEL Gain
8
10
12
dB
LGstep
LEVEL Gain Step Resolution
0.3
0.67
1
dB
VSBLmin
Min. Voltage for Mono
25
29
33
%REF5V
VSBLmax
Max. Voltage for Mono
54
58
62
%REF5V
VSBLstep
Step Resolution
2.2
4.2
6.2
%REF5V
VHCHmin
Min. Voltage for NO Highcut
38
42
46
%REF5V
VHCHmax
Max. Voltage for NO Highcut
62
66
70
%REF5V
VHCHstep
Step Resolution
5
8.4
12
%REF5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com