Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
TDA7513T
34/59
ADDRESS
SUBADDRESS
READ MODE: ISS OUTPUTS
6.2 SUBADDRESS ORGANIZATION (TUNER SECTION)
MSB
LSB
Function
Subaddr.
D7
D6D5D4D3D2D1D0
24
FMIFamp2
Clksep
XTAL adjustment
XTAL adjustment and FM IF
Amp2
25
AMWAGC
FMNAGCkey
AM WAGC an FM MAGC keying
26
AMNAGC
FM demod ref frequency divider
AM NAGC an FMdemod ref
frequency divider
27
test ISS
ISS testing
28
ISS filter test
test ISS MP/AC
Test ISS
ISS testing
29
Smeter pin test
test TURNER
Tuner and Smeter test
30
AdjChan mute disable
@low FS
AdjChan mute BP/HP
AdiChan mute threshold
AdjChan mute disable, filtering
and threshold
31
Turner quality AdjChan
gain
Turner quality
multipath gain
FS ISS activation
Tuner Quality AdjChannel
and Multipath gain, FS ISS
Activation
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
110001
0
R/W
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
X
X
autoincr
subaddress
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
DEV+
DEV
AC
FS
INLOCK
MP
BW
ON
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
CHARGE PUMP
00
00
High current = 0mA
00
01
High current = 0.5mA
00
10
High current = 1mA
00
11
High current = 1.5mA
11
11
High current = 7.5mA
0
0
Low current = 0
µA
0
1
Low current = 50
µA
1
0
Low current = 100
µA
1
1
Low current = 150
µA
0
Select low current
1
Select high current
TURNER STAND-BY
0
0
0
0
0
Turner StandBy OFF
1
0
0
0
1
Turner StandBy ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com