Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 4Page - STMicroelectronics TDA7513T Datasheet HTML 5Page - STMicroelectronics TDA7513T Datasheet HTML 6Page - STMicroelectronics TDA7513T Datasheet HTML 7Page - STMicroelectronics TDA7513T Datasheet HTML 8Page - STMicroelectronics TDA7513T Datasheet HTML 9Page - STMicroelectronics TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
TDA7513T
8/59
Table 13. ISS Filter (FMIF1AMP1 gain MUST be set to 14dB) *
* if ISS function is not used, SEEK must be set to “ON” in FM
AM (VCC = 8V; Tamb =25°C; Vsg = 74dB
µV,emf; fc = 999kHz; 30% modulation; fmod = 400Hz unless oth-
erwise specified).
Table 14. General (with 20pF/65pF dummy antenna; input levels @ SG,emf; output @ audioprocessor
output; audioprocessor all flat; stereo decoder input gain = 5.75dB)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
BW1
Wide bandwidth
Full bandwidth @ -3dB
120
kHz
BW2
Narrow bandwidth
80
kHz
BWwb
Weather Band bandwidth
30
kHz
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
US
Useable sensitivity
SNR = 20dB
26
dB
µV
SNR
Signal to Noise ratio
56
60
dB
MS
Maximum Sensitivity
@
∆Vout = -10dB
20
dB
µV
THD
Total Harmonic Distortion
mod =30%, Vsg = 74dB
µV0.59
%
mod =80%, Vsg = 74dB
µV1.48
%
mod =30%, Vsg = 120dB
µV1.88
%
mod =80%, Vsg = 120dB
µV3
%
THDLF
THD @ low frequency
mod =30%, Vsg = 74dB
µV,
fmod=100Hz
2%
Vout
Audio output level
rms
266
mV
ISN
Interstation noise level
∆Vout @ RF OFF
-35
-31
dB
IFCS
IF Counter sensitivity
8
10
20
dB
µV
Icc
DC current
OSCVcc
5.6
mA
PLLVcc
1.9
mA
DIGVcc
12.1
mA
TUNVcc
68
mA
IF1Vcc
7.8
mA
APVcc
27
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com