Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
15/59
TDA7513T
4.4 NOISE BLANKER
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VHCLmin
Min. Voltage for FULL Highcut
12
17
22
%VHCH
VHCLmax
Max. Voltage for FULL Highcut
28
33
38
%VHCH
VHCLstep
Step Resolution
2.2
4.2
6.2
%VHCH
Carrier and harmonic suppression at the output
α19
Pilot Signal f = 19KHz
40
50
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
Table 26. Noise Blanker
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold 0) 1)
meas. with VPEAK = 0.9V
NBT = 111
( c )
30
( c )
mV
NBT = 110
( c )
35
( c )
mV
NBT = 101
( c )
40
( c )
mV
NBT = 100
( c )
45
( c )
mV
NBT = 011
( c )
50
( c )
mV
NBT = 010
( c )
55
( c )
mV
NBT = 001
( c )
60
( c )
mV
NBT = 000
( c )
65
( c )
mV
VTRNOISE Noise Controlled
Trigger
threshold 2)
meas. with VPEAK = 1.5V
NCT = 00
( c )
260
( c )
mV
NCT = 01
( c )
220
( c )
mV
NCT = 10
( c )
180
( c )
mV
NCT = 11
( c )
140
( c )
mV
VRECT
Rectifier Voltage
VMPX = 0mV
NRD 6) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
2.2
2.5
2.9
V
VRECT DEV
deviation dependent
rectifier Voltage 3)
meas. with VMPX =
800mV (75KHz dev.)
OVD = 11
0.5
0.9
1.3
V
OVD = 10
0.9
1.2
1.5
V
OVD = 01
1.7
2
2.3
V
OVD = 00
2.5
2.8
3.1
V
VRECT FS Fieldstrength Controlled
Rectifier Voltage 4)
Rectifier Voltage 4)
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9
1.3
V
FSC = 10
0.9
1.4
1.5
V
FSC = 01
1.7
1.9
2.3
V
FSC = 00
2.1
2.4
3.1
V
TS
Suppression Pulse
Duration 5)
Signal HOLDN
in Testmode
BLT = 00
38
µs
BLT = 10
32
µs
BLT = 01
25.5
µs
BLT = 00
22
µs
Table 25. Stereo Decoder (continued)
(Vcc = 8V; deemphasis time constant = 50µs, VMPX = 305mVrms (75kHz deviation), fm= 1kHz, Gv = 4dB,
Tamb = 27°C; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com