Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics TDA7513T Datasheet HTML 39Page - STMicroelectronics TDA7513T Datasheet HTML 40Page - STMicroelectronics TDA7513T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
37/59
TDA7513T
SUBADDRESS 7: FM RF Adjustment AM Prescaler and Seek
SUBADDRESS 8 : IF Counter Control 1 and AM S.S. Threshold
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM RF adj (proportional to Vtuning)
01
11
1
-30%
01
11
0
-28%
--
--
-
-
-
-
-
00
00
1
-2%
00
00
0
-0%
10
00
0
+0%
10
00
1
+2%
--
--
-
-
-
-
-
11
11
0
+28%
11
11
1
+30%
AM VCO divider ratio
00
10
01
8
10
6
11
4
SEEK MODE
0Seek OFF
1Seek ON
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
IF COUNTER CONTROL
00
0
Not valid
00
1
Not valid
01
0
Not valid
01
1
∆f = 6.25kHz (FM) 1kHz (AM UPC)
10
0
∆f = 12.5kHz (FM) 2kHz (AM UPC)
10
1
∆f = 25kHz (FM) 4kHz (AM UPC)
11
0
∆f = 50kHz (FM) 8kHz (AM UPC)
11
1
∆f = 100kHz (FM) 16kHz (AM UPC)
0
IF counter disable/stand by
1
IF counter enable
AM Stop Station Threshold
00
00
0mV
00
01
150mV
--
--
-
-
-
-
-
11
10
2100mV
11
11
2250mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com