Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics TDA7513T Datasheet HTML 28Page - STMicroelectronics TDA7513T Datasheet HTML 29Page - STMicroelectronics TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
TDA7513T
30/59
14dB, fc = 80Hz
Figure 10. Mid Control @ fc = 1KHz, Q = 1
Figure 11. Mid Center Frequency@ Gain
=14dB, Q = 1
Figure 12. Mid Q factor@ fc=1KHz,Gain
=14dB
Figure 13. Treble Control @ fc = 17.5KHz
Figure 14. Treble Center Frequencies@ Gain
= 14dB
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
-15.0
-10.0
-
5.0
0.
0
5.
0
10.0
15.0
10.0
100.
0
1.0K
10.0K
0.
0
2.
5
5.
0
7.
5
10.0
12.5
15.0
10.0
100.
0
1.0K
10.0K
0.
0
2.
5
5.
0
7.
5
10.0
12.5
15.0
10.0
100.
0
1.0K
10.0K
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com