Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 32Page - STMicroelectronics TDA7513T Datasheet HTML 33Page - STMicroelectronics TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics TDA7513T Datasheet HTML 39Page - STMicroelectronics TDA7513T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
TDA7513T
36/59
SUBADDRESS 4: Reference Counter 1 (LSB)
SUBADDRESS 5: Reference Counter 2 (MSB)
SUBADDRESS 6: FM Antenna Adjustment and FM Mute Depth
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
0
0
0
LSB = 0
00
00
0
0
0
1
LSB = 1
00
00
0
0
1
0
LSB = 2
--
--
-
-
-
-
-
11
11
1
1
0
0
LSB = 252
11
11
1
1
0
1
LSB = 253
11
11
1
1
1
0
LSB = 254
11
11
1
1
1
1
LSB = 255
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
0
0
0
MSB = 0
00
00
0
0
0
1
MSB = 256
00
00
0
0
1
0
MSB = 512
--
--
-
-
-
-
-
11
11
1
1
0
0
MSB = 64768
11
11
1
1
0
1
MSB = 65024
11
11
1
1
1
0
MSB = 65280
11
11
1
1
1
1
MSB = 65536
Note: 1 fVCO/fSYN = LSB + MSB + 1
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM antenna adj (proportional to Vtuning)
01
11
1
-30%
01
11
0
-28%
--
--
-
-
-
-
-
00
00
1
-2%
00
00
0
-0%
10
00
0
+0%
10
00
1
+2%
--
--
-
-
-
-
-
11
11
0
+28%
11
11
1
+30%
FM Soft Mute Depth
0
0
25dB
1
0
20dB
0
1
16dB
1
1
13.5dB
ISS deviation detector disabling threshold
relative to weak fild ISS activation threshold
(byte 31 bit 3-00
0
-100mV
1
+100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com