Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 51 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 47Page - STMicroelectronics TDA7513T Datasheet HTML 48Page - STMicroelectronics TDA7513T Datasheet HTML 49Page - STMicroelectronics TDA7513T Datasheet HTML 50Page - STMicroelectronics TDA7513T Datasheet HTML 51Page - STMicroelectronics TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
51/59
TDA7513T
Subaddress 4: Speaker attenuator Left Front
all other combinations not allowed
Subaddress 8: Soft mute, Bass, Noise blanker time
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Volume steps
10
00
1
1
1
1
15dB
--
--
-
-
-
-
-
10
00
0
0
0
1
1dB
00
00
0
0
0
0
0dB
00
00
0
0
0
1
-1dB
--
--
-
-
-
-
-
00
00
1
1
1
1
-15dB
00
01
0
0
0
0
-15dB
--
--
-
-
-
-
-
01
00
1
1
1
0
-78dB
01
00
1
1
1
1
-79dB
X
1
1
X
XX
XX
mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Soft mute activation control
0
I2C bus Audio Processor mute ON
(independently of pin Audio Mute)
1
I2C bus Audio Processor mute OFF (pin Audio
Mute controls muting: pin=0
≥ mute ON,
pin=1
≥ mute OFF)
0
0
Soft mute transition time = 0.48ms
0
1
Soft mute transition time = 0.96ms
1
0
Soft mute transition time = 20.2ms
1
1
Soft mute transition time = 40.4ms
Base filter center frequency
00
60Hz
01
70Hz
10
80Hz
1
1
100Hz (if bass DC mode OFF)
1
1
150Hz (if bass DC mode ON)
Noise Blanker time
00
38
µs
01
25.5
µs
10
32
µs
11
22
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com