Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics TDA7513T Datasheet HTML 23Page - STMicroelectronics TDA7513T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
TDA7513T
20/59
5.3.2 Frequency Generation for Phase Comparison
The VCO signal is fed to a two-modulus counter (32/33) prescaler, which is controlled by a 5-bit divider
(A). A 5-bit register (PC0 to PC4) controls this divider. The output of the prescaler is connected to an 11-
bit divider (B), controlled by an 11-bit PC register (PC5 to PC15).
The following expressions relate the divider output frequency (fSYN, forced by the loop to equal the refer-
ence frequency at the phase comparator input fREF) to the VCO frequency (fVCO) and to the crystal oscil-
lator frequency (fXTAL):
fXTAL = (R+1) x fREF
fVCO = [33 x A + (B + 1 - A) x 32] x fREF
fVCO = (32 x B + A + 32) x fREF
Important: For correct operation: A
≤32; B ≥A
5.3.3 Three State Phase Comparator
The phase comparator generates a phase error signal according to phase difference between fSYN and
fREF. This phase error signal drives the charge pump current generator.
5.3.4 Charge Pump Current Generator
This system generates correction current pulses with a polarity and a duration dictated by the phase error
signal. The current absolute values are programmable through register A for high current and register B
for low current.
The charge pump operates in high current mode when the phase difference between between fSYN and
fREF is high. The switch back to low current mode can be done either automatically as a function of the
inlock detector output (setting bit LDENA to "1") or via software.
After reaching a phase difference equivalent to 10-40 ns (programmable) and a delay multiple of 1/fREF,
the chargepump is forced in low current mode. A new PLL divider programming by I2C bus will switch the
chargepump into high current mode.
A few programmable phase errors (D0, D1) are available for inlock detection. The count of detected inlock
informations to release the inlock signal is adjustable (D2, D3), to avoid switching to low current during a
frequency jump.
5.3.5 Low Noise CMOS Op-amp
An internal voltage divider at pin #LFREF is connected to the positive input of the low noise op-amp. The
charge pump output is connected to the negative input. This internal amplifier in cooperation with external
components provides the active loop filter. Only one loop filter connection is provided because the same
reference frequency is used for both AM and FM operation. The pin #LFHC is connected in such a way
as to partially shunt the loop filter in order to decrease the time constant of the filter itself during jumps with
high current mode activated.
5.3.6 IF Counter Block
The input signal for FM and AM has the same structure although FM IF is measured at IF1 (10.7MHz) and
AM IF is measured at IF2 (450kHz). The degree of integration is adjustable to up to eight different mea-
suring cycle times. The tolerance of the accepted count value is adjustable to reach the optimum compro-
mise between search speed and evaluation precision.
T center frequency of the measured count value is adjustable to fit the IF-filter tolerance.
5.3.7 The IF-Counter Mode
The IF counter works in 2 modes controlled by the IFCM register.
5.3.8 Sampling Timer
A 14-bit programmable (IRC) sampling timer generates the gate signal for the main counter. In FM mode
a 6.25kHz frequency reference is generated for this purpose, whereas in AM mode this reference be-
comes 1kHz. These reference frequencies are further divided to generate the measurement time windows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com