Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics TDA7513T Datasheet HTML 23Page - STMicroelectronics TDA7513T Datasheet HTML 24Page - STMicroelectronics TDA7513T Datasheet HTML 25Page - STMicroelectronics TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
23/59
TDA7513T
5.4.10DC Mode
In this mode the DC gain is increased by 5.1dB. In addition the programmed center frequency and quality
factor is decreased by 25%: this can be used to realize different center frequencies or quality factors with
respect to the values listed in the "BASS" section.
5.4.11MID
There are 3 parameters programmable in the mid filter stage (see figs. 10, 11 & 12):
5.4.12Attenuation
Figure 10 shows the attenuation as a function of frequency at a center frequency of 1kHz.
5.4.13Center Frequency
Figure 11 shows the four possible center frequencies: 500Hz, 1kHz, 1.5kHz and 2kHz.
5.4.14Quality Factor
Figure 12 shows the two possible quality factors (1 and 2) at a center frequency of 1kHz.
5.4.15TREBLE
There are two parameters programmable in the treble filter stage (see figs 13, 14):
5.4.16Attenuation
Figure 13 shows the attenuation as a function of frequency at a center frequency of 17.5kHz.
5.4.17Center Frequency
Figure 14 shows the four possible Center Fre-quencies: 10, 12.5, 15 and 17.5kHz.
5.4.18AC Coupling
In some applications additional signal manipulations are desired such as surround-sound processing or
more extensive band equalizing. For this purpose a AC-Coupling is placed before the Speaker-attenua-
tors, which can be activated or internally shorted by Bit7 in the APSD data byte 0. The input impedance
of the AC Inputs is 25k
Ω. The external AC coupling is advised for those applications where very low-level
"pop" performance is a must.
5.4.19Speaker Attenuator
The speaker attenuators have exactly the same structure and range as the Volume stage.
5.5 STEREODECODER
The stereodecoder part of the present device (see Fig. 15) contains all functions necessary to demodulate
the MPX signal such as pilot tone-dependent MONO/STEREO switch as well as "stereoblend" and "high-
cut" functions.
Stereodecoder Mute
The device has a fast and easy-to-control RDS mute function meant for "freezing" the stereo decoder sta-
tus during the RDS AF check time period. When this function is invoked three effects take place:
•1 the stereo decoder input impedance changes to infinity (condition known as high-ohmic input); this
prevents the decoupling capacitor between the pins #TUNER_OUT (tuner output) and #TUNER_IN
(stereo decoder input) to be discharged by a channel with a potentially different DC output for the
duration of the AF check;
•2 the stereo decoder PLL pilot detector is held at the current value;
•3 the external capacitor of the multipath detector used inside the stereo decoder for quality control is
disconnected from the dection circuit in order to make quality checking the AF faster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com