Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 9Page - STMicroelectronics TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13/59
TDA7513T
1) The SM pin is active low (Mute = 0)
2) See note in Programming Part
AUDIO OUTPUTS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCLIP
Clipping Level
THD = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
Ω
VDC
DC Voltage Level
3.9
V
GENERAL
Gqd
Gain (QDin)
Quasi-differential Input
0.5
dB
Gstd
Gain (Tuner)
Tuner Input (STD InGain=4dB)
7.5
dB
eNO
Output Noise (QDin)
BW = 20 Hz to 20 kHz
output muted; all flat
15
µV
BW = 20 Hz to 20 kHz
all gain = 0dB
20
µV
S/N
Signal to Noise Ratio (QDin)
all gain = 0dB flat; VO = 2VRMS
100
dB
bass treble at 12dB;
A-weighted; VO = 2.6VRMS
96
dB
d
Distortion (QDin)
VIN = 1VRMS
; all stages 0dB
0.012
0.1
%
VIN = 1VRMS
; Bass & Treble =
12dB
0.05
0.1
%
SC
Channel separation Left/Right
(QDin)
80
dB
ET
Total Tracking Error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
BUS INPUTS
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA Acknowledge
IO = 1.6mA
0.4
V
Table 24. Audio Processor (continued)
(VS = 8V; Tamb = 25°C; RL = 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com