Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 34Page - STMicroelectronics TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics TDA7513T Datasheet HTML 39Page - STMicroelectronics TDA7513T Datasheet HTML 40Page - STMicroelectronics TDA7513T Datasheet HTML 41Page - STMicroelectronics TDA7513T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
TDA7513T
38/59
SUBADDRESS 9: If Counter Control 2
SUBADDRESS 10: IF Counter Reference (LSB)
SUBADDRESS 11: IF Counter Reference (MSB) and IF Counter Mode select
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM antenna adj (proportional to Vtuning)
00
00
0
fcenter = 10.60625MHz (FM) 449KHz (AM)
00
00
1
fcenter = 10.61250MHz (FM) 450KHz (AM)
--
--
-
-
-
-
-
01
01
0
fcenter = 10.66875MHz (FM) 459KHz (AM)
01
01
1
fcenter = 10.67500MHz (FM) 460KHz (AM)
01
10
0
fcenter = 10.68125MHz (FM) 461KHz (AM)
01
10
1
fcenter = 10.68750MHz (FM) 462KHz (AM)
01
11
0
fcenter = 10.69375MHz (FM) 463KHz (AM)
01
11
1
fcenter = 10.70000MHz (FM) 464KHz (AM)
10
00
0
fcenter = 10.70625MHz (FM) 465KHz (AM)
10
00
1
fcenter = 10.71250MHz (FM) 466KHz (AM)
--
--
-
-
-
-
-
11
11
1
fcenter = 10.80000MHz (FM) 480KHz (AM)
00
0
tsample = 20.48ms (FM) 128ms (AM)
00
1
tsample = 10.24ms (FM) 64ms (AM)
01
0
tsample = 5.12ms (FM) 32ms (AM)
01
1
tsample = 2.568ms (FM) 16ms (AM)
10
0
tsample = 1.28ms (FM) 8ms (AM)
10
1
tsample = 640µs (FM) 4ms (AM)
11
0
tsample = 320µs (FM) 2ms (AM)
11
1
tsample = 160µs (FM) 1ms (AM)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
0
0
0
LSB = 0
00
00
0
0
0
1
LSB = 1
00
00
0
0
1
0
LSB = 2
--
--
-
-
-
-
-
11
11
1
1
0
0
LSB = 252
11
11
1
1
0
1
LSB = 253
11
11
1
1
1
0
LSB = 254
11
11
1
1
1
1
LSB = 255
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
00
00
MSB = 0
0
0
00
01
MSB = 256
0
0
00
10
MSB = 512
--
--
-
-
-
-
-
1
1
11
01
MSB = 15616
1
1
11
10
MSB = 15872
1
1
11
11
MSB = 16128
IF COUNTER MODE
00
not valid
0
1
IF counter FM mode (10.7KHz)
1
0
IF counter AM mode (450KHz)
00
not valid
Note: 1 fOSC/fTIM = LSB + MSB + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com