Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
TDA7513T
16/59
(c) = by design/characterization functionally guaranteed through dedicated test mode structure
(0) = All Thresholds are measured using a pulse with TR =2ms,THIGH = 2ms and TF = 10ms. The repetition rate must not icrease the PEAK
voltage.
1) NBT represents the Noiseblanker Byte bits D2, D0 for the noise blanker trigger threshold
2) NAT represents the Noiseblanker Byte bit pair D4, D3 for the noise controlled triggeradjustment
3) OVD represents the Noiseblanker Byte bit pair D7, D6 for the over deviation detector
4) FSC represents the Fieldstrength Byte bit pair D1, D0 for the fieldstrength control
5) BLT represents the Speaker RR Byte bit pair D7, D6 for the blanktime adjustment
6) NRD represents the Configuration-Byte bit pair D1, D0 for the noise rectifier discharge-adjustment
7) PCH represents the Stereodecoder-Byte bit D5 for the noise rectifier charge-current adjustment
8) MPNB represents the HighCut-Byte bit D7 and the Fieldstrength-Byte D7 for the noise rectifier multipath adjustment
4.5 MULTIPATH AND QUALITY DETECTORS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VRECTADJ Noise Rectifier
discharge adjustment 6)
Signal PEAK in
Testmode
NRD = 00 6)
( c )
0.3
( c )
V/ms
NRD = 01 6)
( c )
0.8
( c )
V/ms
NRD = 10 6)
( c )
1.3
( c )
V/ms
NRD = 11 6)
( c )
2
( c )
V/ms
SRPEAK
Noise Rectifier Charge
Signal PEAK in
Testmode
PCH = 0 7)
( c )
10
( c )
mV/
µs
PCH = 1 7)
( c )
20
( c )
mV/
µs
VADJMP
Noise Rectifier
adjustment through
Multipath 8)
Signal PEAK in
Testmode
MPNB = 00 8)
( c )
0.3
( c )
V/ms
MPNB = 00 8)
( c )
0.5
( c )
V/ms
MPNB = 00 8)
( c )
0.7
( c )
V/ms
MPNB = 00 8)
( c )
0.9
( c )
V/ms
Table 27. Multipath And Quality Detectors
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCMP
Center Frequency of Multipath-
Bandpass
Stereodecoder locked on Pilottone
19
kHz
GBPMP
Bandpass Gain
bits D2, D1 configuration byte = 00
6
dB
bits D2, D1 configuration byte = 10
12
dB
bits D2, D1 configuration byte = 01
16
dB
bits D2, D1 configuration byte = 11
18
dB
GRECTMP Rectifier Gain
bits D7, D6 configuration byte = 00
7.6
dB
bits D7, D6 configuration byte = 01
4.6
dB
bits D7, D6 configuration byte = 10
0
dB
bits D7, D6 configuration byte = 11
off
ICHMP
Rectifier Charge Current
bit D5 configuration byte = 0
0.5
µA
bit D5 configuration byte = 1
1
µA
IDISMP
Rectifier Discharge Current
0.5
1
1.5
mA
Table 26. Noise Blanker (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com