Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 40Page - STMicroelectronics TDA7513T Datasheet HTML 41Page - STMicroelectronics TDA7513T Datasheet HTML 42Page - STMicroelectronics TDA7513T Datasheet HTML 43Page - STMicroelectronics TDA7513T Datasheet HTML 44Page - STMicroelectronics TDA7513T Datasheet HTML 45Page - STMicroelectronics TDA7513T Datasheet HTML 46Page - STMicroelectronics TDA7513T Datasheet HTML 47Page - STMicroelectronics TDA7513T Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
TDA7513T
44/59
SUBADDRESS 22: FM Smeter Sider and AM Smeter Time Constant
SUBADDRESS 23: IFT Adjust
SUBADDRESS 24: XTAL and FM IF AMP 2 Gain
0
AC test OFF
1
AC test ON (ISS qualitydetector AC input from #ACinL,
ISS AC filter+rect output to Smeter test muxer if input 12 is selected)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM Smeter Sider
000
00
0V
000
01
0.48V
--
---
-
111
10
1.45V
111
11
1.5V
AM Smeter Filter TC (resistor value)
00
0
75K
Ω
10
0
50K
Ω
01
0
35K
Ω
11
0
24K
Ω
00
1
16K
Ω
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
IFT1 Adjust
00
00
0pF
00
01
0.55pF
-
---
-
01
11
7.7pF
11
11
8.25pF
IFT2 Adjust
00
00
75pF
10
00
50pF
-
---
-
01
11
22.4pF
11
11
24pF
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
XTAL adjust Cload
000
00
0pF
000
01
0.625pF
000
10
1.25pF
001
00
2.5pF
010
00
5pF
001
00
10pF
010
00
10.4pF
XTAL TEST)
0
xtal clock
1
clocksep (testing)
FM IF Amp2 Gain
MSB
LSB
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com