Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 39Page - STMicroelectronics TDA7513T Datasheet HTML 40Page - STMicroelectronics TDA7513T Datasheet HTML 41Page - STMicroelectronics TDA7513T Datasheet HTML 42Page - STMicroelectronics TDA7513T Datasheet HTML 43Page - STMicroelectronics TDA7513T Datasheet HTML 44Page - STMicroelectronics TDA7513T Datasheet HTML 45Page - STMicroelectronics TDA7513T Datasheet HTML 46Page - STMicroelectronics TDA7513T Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
43/59
TDA7513T
SUBADDRESS 19: 456KHz VCO adjustment (manual mode)
SUBADDRESS 20: FM Stop Station and Soft Mute Threshold
SUBADDRESS 21: Adjacent Channel Mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
Enable IFC (I2CBUS) OFF
1
Enable IFC (I2CBUS) ON
0
Enable 456KHz VCO adj procedure (I2CBUS) OFF
1
Enable 456KHz VCO adj procedure (I2CBUS) ON
0
0
0
0
0
VCO 456KHz frequency adjust (I2CBUS) minfreq
0
0
001
-
---
-
0
1
111
1
0
000
-
---
-
1
1
110
1
1
1
1
1
VCO 456KHz frequency adjust (I2CBUS) maxfreq
0
Manual adjustment procedure (I2CBUS)
1
Automatic adjustment procedure (State Machine)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Soft Mute Threshold on Smeter
00
00
0mV
00
01
100mV
--
--
-
11
10
1.4V
11
11
1.5V
FM Stop Station Threshold on Smeter
000
0
400mV
000
1
800mV
--
--
-
111
0
3.2V
111
1
3.6V
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Adj Channel Mute Gain
000
10.4dB
001
11.4dB
010
12.4dB
011
13.4dB
100
14.4dB
101
15.4dB
110
16.4dB
111
17.4dB
Adj Channel Mute Clamp
00
0
0
500mV
00
0
1
600mV
-
---
-
10
0
0
1.3V
-
---
-
11
1
0
1.9V
11
1
1
2V
Adjacent Channel (ISS) test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com