Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 24Page - STMicroelectronics TDA7513T Datasheet HTML 25Page - STMicroelectronics TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics TDA7513T Datasheet HTML 28Page - STMicroelectronics TDA7513T Datasheet HTML 29Page - STMicroelectronics TDA7513T Datasheet HTML 30Page - STMicroelectronics TDA7513T Datasheet HTML 31Page - STMicroelectronics TDA7513T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
TDA7513T
28/59
5.10.7Write Operation
Following a START condition the master sends a slave address word with the R/W bit set to "0". The de-
vice will generate an "acknowledge" after this first transmission and will wait for a second word (the sub-
address field).
This 8-bit address field provides an access to any of the 64 internal addresses (32 corresponding to the
tuner address and 32 corresponding to the stereo decoder / audio processor address). Upon receipt of the
subaddress the device will respond with an "acknowledge".
At this time, all the following words transmitted to the device will be considered as Data.
The internal address may be automatically incremented if the auto-increment mode is selected (bit S5 of
the subaddress word) .
After each word has been received the device will answer with an "acknowledge".
5.10.8Read Operation
IF the master sends a slave address word with the R/W bit set to "1", the device will transmit one 8-bit data
word.
This data word content changes according to the address corresponding to the tuner or to the stereo de-
coder / audio processor. The information are the following:
– tuner
bit0:
ISS filter, 1 = ON, 0 = OFF
bit1:
ISS filter bandwidth, 1 = 80kHz, 0 = 120kHz
bit2:
MPOUT,1 = multipath present, 0 = no multipath
bit3:
1 = PLL is locked in , 0 = PLL is locked out
bit4:
fieldstrength indicator, 1 = lower as softmute threshold, 0 = higher as softmute threshold
bit5:
adjacent channel indicator, 1 = adjacent channel present, 0 = no adjacent channel
bit6:
deviation indicator, 1 = strong overdeviation present, 0 = no strong overdeviation
bit7:
deviation indicator, 1 = overdeviation present, 0 = no overdeviation
– stereo decoder / audio processor
bit2:
Soft Mute status, 1 = ON, 0 = OFF
bit3:
Stereo mode, 1 = stereo, 0 = mono
Table 28. ISS Modes
MODE 1
sm
ac
ac+
dev
dev+
ISSon
80KHz
000
00
00
01
X
0
0
1
1
0
1
X1
X1
0
1X
X
0
0
1
1
100
1
X
00
1
1
X1
X1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com