Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
17/59
TDA7513T
5
FUNCTIONAL DESCRIPTION
5.1 FM Section
5.1.1 Mixer1, AGC and 1st IF
Mixer1 is a wide dynamic range stage with low noise and large input signal performance. The mixer1 tank
center frequency can be adjusted by software (IF1T). The AGC operates on different sensitivities and
bandwidths (FMAGC) in order to improve the input sensitivity and dynamic range (keyed AGC). The output
signals of AGC are controlled voltage and current for preamplifier and prestage P-I-N diode attenuator
(see Figure 5). Two 10.7MHz amplifiers (IFG1 - fixed gain - and IFG2 - programmable) correct the IF ce-
ramic insertion loss.
5.1.2 Mixer2, Limiter and Demodulator
In this 2nd mixer stage the first 10.7MHz IF is converted into the second 450kHz IF. A multi-stage limiter
generates signals for the complete integrated demodulator without external tank. MPX output DC offset
compensation is possible via software.
5.1.3 Quality Detection and ISS (see Figure 3) Fieldstrength
Parallel to the mixer2 input a 10.7MHz limiter generates a signal for the digital IF counter and a field-
strength output signal. This internal unfiltered fieldstrength is used for adjacent channel and multipath de-
tection. The behaviour of this output signal can be corrected for DC offset (SL). The internally generated
unfiltered fieldstrength is filtered at pin #SMETERTC and used for softmute function, FM AGC keying and
generation of ISS filter switching signal for weak input level (sm).
5.1.4 Adjacent Channel Detector
The input of the adjacent channel detector is AC coupled to the internal unfiltered fieldstrength. A pro-
grammable and configurable highpass or bandpass filter (ACF) and amplifier (ACG) followed by a rectifier
measure the adjacent channel content. This voltage is compared with an adjustable threshold (ACWTH,
ACNTH) comparator (comparator1). The output signal of this comparator generates a DC level at PIN15
with a programmable time constant. Time constant control (TISS) for the adjacent channel is made by lin-
early charging and discharging an external capacitor following. The charge current is fixed and the dis-
charge current is controlled by I2C bus. This level produces digital signals (ac, ac+) after comparing by the
following comparator4. The adjacent channel information after filtering and rectification is available as an-
alog output on pin #TUNQUALITY (the gain can be selected via I2C bus) in combination with multipath
content information. It is possible to enable adjacent channel content information output only via I2C bus
control.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
A
Multipath Influence Factor
Addr. 12 / Bit 5+6
00
0.7
dB
01
0.85
dB
10
1
dB
11
1.15
dB
B
Noise Influence Factor
Addr. 16 / Bit 1+2
00
15
dB
01
12
dB
10
9
dB
11
6
dB
Table 27. Multipath And Quality Detectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com