Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 186 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 186 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 182Page - Microsemi Corporation VSC7511 Datasheet HTML 183Page - Microsemi Corporation VSC7511 Datasheet HTML 184Page - Microsemi Corporation VSC7511 Datasheet HTML 185Page - Microsemi Corporation VSC7511 Datasheet HTML 186Page - Microsemi Corporation VSC7511 Datasheet HTML 187Page - Microsemi Corporation VSC7511 Datasheet HTML 188Page - Microsemi Corporation VSC7511 Datasheet HTML 189Page - Microsemi Corporation VSC7511 Datasheet HTML 190Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
171
The serial interface implements an SPI-compatible protocol that allows an external CPU to perform read
and write access to register targets within the device. Endianess and bit order is configurable, and
several options for high frequencies are supported.
The serial interface is available to an external CPU when the VCore-Ie CPU does not use the SI for Flash
or external SI access. For more information, VCore-Ie System and CPU interfaces.
The following table lists the serial interface pins when the SI slave is configured as owner of SI interface
in GENERAL_CTRL.IF_SI_OWNER.
SI_DI is sampled on rising edge of SI_CLK. SI_DO is driven on falling edge of SI_CLK. There are no
requirements on the logical values of the SI_CLK and SI_DI inputs when SI_nCS is deasserted; they can
be either 0 or 1. SI_DO is only driven during read access when read data is shifted out of the device.
The external CPU initiates access by asserting chip select and then transmitting one bit read/write
indication, one don’t care bit, 22 address bits, and 32 bits of write data (or don’t care bits when reading).
With the register address of a specific register (REG_ADDR), the SI address (SI_ADDR) is calculated as:
SI_ADDR = (REG_ADDR & 0x00FFFFFF)>>2
Data word endianess is configured through IF_CTRL[0]. The order of the data bits is configured using
IF_CTRL[1].
The following illustration shows various configurations for write access. The order of the data bits during
writing, as depicted, is also used when the device is transmitting data during read operations.
Figure 60 •
Write Sequence for SI
When using the serial interface to read registers, the device needs to prepare read data after receiving
the last address bit. The access time of the register that is read must be satisfied before shifting out the
Table 136 •
SI Slave Mode Pins
Pin Name
I/O
Description
SI_nCS0
I
Active-low chip select
SI_CLK
I
Clock input
SI_DI
I
Data input (MOSI)
SI_DO
O
Data output (MISO)
SI_nCS0
SI_CLK
SI_DI
SI_DO
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 1 0
Serial Address (SI_ADDR)
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
3
0
3
1
Serial Data
SI_DI
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 1 0
Serial Address (SI_ADDR)
1
8
1
9
2
0
2
1
2
2
2
3 89
1
0
1
1
1
2
1
3
1
4
1
5 01 2 3 4 5 67
2
6
2
7
2
8
2
9
3
0
3
1
1
6
1
7
2
5
2
4
Serial Data
Big endian mode (IF_CTRL[0]=1), Most significant bit first (IF_CTRL[1]=0)
Big endian mode (IF_CTRL[0]=1), Least significant bit first (IF_CTRL[1]=1)
SI_DI
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 1 0
Serial Address (SI_ADDR)
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98
7 6 5 4 3210
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
3
0
3
1
Serial Data
Little endian mode (IF_CTRL[0]=0), Most significant bit first (IF_CTRL[1]=0)
SI_DI
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 1 0
Serial Address (SI_ADDR)
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
2
5
2
6
2
7
2
8
2
9
3
0
3
1
2 3 456789
1
0
Serial Data
Little endian mode (IF_CTRL[0]=0), Least significant bit first (IF_CTRL[1]=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com