Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 182 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 182 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 178Page - Microsemi Corporation VSC7511 Datasheet HTML 179Page - Microsemi Corporation VSC7511 Datasheet HTML 180Page - Microsemi Corporation VSC7511 Datasheet HTML 181Page - Microsemi Corporation VSC7511 Datasheet HTML 182Page - Microsemi Corporation VSC7511 Datasheet HTML 183Page - Microsemi Corporation VSC7511 Datasheet HTML 184Page - Microsemi Corporation VSC7511 Datasheet HTML 185Page - Microsemi Corporation VSC7511 Datasheet HTML 186Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
167
MEMACC_CTRL.MEMACC_DO. After this field is cleared, the code is copied. The on-chip memory can
then be mapped, and the VCore-Ie CPU can be released from reset.
4.3.5.2
Mapping On-Chip Memory
By default, the on-chip memory is transparent to the VCore-Ie CPU. Using the MPU8051_MMAP or the
SFR::MMAP registers, the on-chip memory can be mapped into code and data space of the VCore-Ie
CPU.
There are two MMAP registers: one that is part of the VCore-Ie registers (MPU8051_MMAP) and one
that is a part of the 8051’s SFR registers (SFR::MMAP). The mapping of on-chip memory is the result of
a bit-wise OR between these two registers. Only one of these registers must be used.
When manually loading a code-image from an external CPU, the MPU8051_MMAP register must be
used. When automatically booting up from Flash, use the SFR::MMAP register. The encoding of these
two registers are the same, and both registers are commonly referred to as MMAP.
The MPU8051_MMAP register in the VCore-Ie registers can be protected from VCore-Ie soft-reset.
When the MPU8051_MMAP register is used, and the VCore-Ie system is protected from reset, the
mapping remains active after soft-reset of the VCore-Ie CPU.
The code interface of the 8051 maps to the shared bus by default. Setting MMAP.MAP_CODE_LOW
maps access in the low 32 kilobyte region of the code interface to the on-chip memory. Setting
MMAP.MAP_CODE_HIGH maps access in the high 32 kilobyte region of the code interface to the on-
chip memory.
MMAP.MSADDR_CODE_LOW controls if either the lower or higher half of the on-chip memory is
accessed when the low 32 kilobyte region of the code interface maps an access to on-chip memory.
MMAP.MSADDR_CODE_HIGH controls if either lower or higher half of the on-chip memory is accessed
when the high 32 kilobyte region of the code interface maps an access to the on-chip memory.
The data interface of the 8051 maps to the shared bus by default. Setting MMAP.MAP_DATA_LOW
maps access in the low 32 kilobyte region of the data interface to the on-chip memory. Setting
MMAP.MAP_DATA_HIGH maps access in the high 32 kilobyte region of the data interface to the on-chip
memory.
MMAP.MSADDR_DATA_LOW controls if either the lower or higher half of the on-chip memory is
accessed when the low 32 kilobyte region of the data interface maps an access to the on-chip memory.
MMAP.MSADDR_DATA_HIGH controls if either the lower or higher half of the on-chip memory is
accessed when the high 32 kilobyte region of the data interface maps an access to the on-chip memory.
Example: Map the Complete On-Chip Memory to Both Code and Data. Some 8051 compilers support
using the same physical memory for both code and data. To map the complete 64 kilobyte on-chip
memory to both code and data interfaces, set MMAP to 0xAF. Then a code access on address n and a
data access on address n both maps to an access on address n inside the on-chip memory.
Example: Split On-Chip Memory between Code and Data. In some cases, it may be desirable to use non-
overlapping memory for code and data. Setting MMAP to 0x15 maps the lower half of the on-chip
memory to the code interface and the higher half to the data interface. Code address n then maps to
address n inside the on-chip memory, and data address n maps to address n+0x8000 inside the on-chip
memory.
4.3.6
Accessing the VCore-Ie Shared Bus
Access to the VCore-Ie shared bus is done through registers in the Special Function Registers (SFR)
domain of the VCore-Ie CPU.
The following table lists the registers associated with the VCore-Ie shared bus.
Table 133 •
Shared Bus Access (SBA) Registers
Register
Description
SFR::RA_AD0_RD
SBA address[7:0], and read access initiation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com