Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 178 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 178 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation VSC7511 Datasheet HTML 176Page - Microsemi Corporation VSC7511 Datasheet HTML 177Page - Microsemi Corporation VSC7511 Datasheet HTML 178Page - Microsemi Corporation VSC7511 Datasheet HTML 179Page - Microsemi Corporation VSC7511 Datasheet HTML 180Page - Microsemi Corporation VSC7511 Datasheet HTML 181Page - Microsemi Corporation VSC7511 Datasheet HTML 182Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
163
Figure 57 •
Chip Registers Memory Map
The registers in the 0x70000000 through 0x70FFFFFF region are physically located inside the VCore-Ie
system, so read and write access to these registers is fast (done in a few clock cycles). All registers in
this region are considered fast registers.
Registers in the 0x71000000 through 0x71FFFFFF region are located inside the switch core; access to
registers in this range takes approximately 1 µs. The DEVCPU_ORG and DEVCPU_QS targets are
special; registers inside these two targets are faster; access to these two targets takes approximately
0.1 µs. Registers located inside the switch core are not accessible through PCIe interface.
When more than one CPU is accessing registers, the access time may be increased. For more
information, see Register Access and Multimaster Systems.
Writes to the Chip Registers region is buffered (there is a one-word write buffer). Multiple back-to-back
write access pauses the shared bus until the write buffer is freed up (until the previous write is done). A
read access pause the shared bus until read data is available. Executing a write immediately followed by
a read requires the write to be done before the read can be started.
4.3.3
SI Flash Region
Read access from the SI Flash region initiates Flash formatted read access on the SI pins of the device
by means of the SI boot controller.
The SI Flash region cannot be written to. Writing to the SI interface must be implemented by using the SI
master controller. For more information, see SI Master Controller, page 193. For legacy reasons, it is also
possible to write to the SI interface by using the SI boot master’s software “bit-banging” register interface.
For more information, see SI Boot Controller, page 191.
4.3.4
PCIe Region
Read and write access from or to the PCIe region maps to outbound read and write access on the PCIe
interface of the device by means of the PCIe endpoint controller. For more information about the PCIe
endpoint controller and how to reach addresses in 32-bit and 64-bit PCIe environments, see PCIe
Endpoint Controller.
VCore Registers
UART Registers
TWI Registers
0x70100000
0x70100400
0x70100800
1 MB
1 KB
1 KB
0x70000000
SBA Registers
0x70110000
0x70110400
1 KB
Reserved
59 KB
Reserved
1 KB
0x70101400
SIMC Registers
1 KB
0x70101000
Reserved
3 KB
UART2 Registers
1 KB
0x70100C00
Switch Core Registers
0x71000000
0x72000000
16 MB
PCIe Registers
0x70111000
0x70112000
1 KB
Reserved
15 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com