Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 175 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 175 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation VSC7511 Datasheet HTML 176Page - Microsemi Corporation VSC7511 Datasheet HTML 177Page - Microsemi Corporation VSC7511 Datasheet HTML 178Page - Microsemi Corporation VSC7511 Datasheet HTML 179Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
160
The strapping value determines the reset value for the ICPU_CFG::GENERAL_CTRL register. After
startup, the behavior of the VCore-Ie system can be modified by changing some of the fields in this
register. The following are common scenarios.
•
After starting the device with the VCore-Ie CPU disabled, an external CPU can manually boot the
VCore-Ie CPU from SI Flash by writing ICPU_CFG::GENERAL_CTRL.IF_SI_OWNER = 1,
ICPU_CFG::GENERAL_CTRL.BOOT_MODE_ENA = 1, and
ICPU_CFG::GENERAL_CTRL.CPU_DIS = 0. Setting GENERAL_CTRL.IF_SI_OWNER disables
the SI slave, so the external CPU must use another interface than SI.
•
After starting the device with the VCore-Ie CPU disabled, the 8051 internal memory can be loaded
with software and the VCore-Ie CPU can be booted as explained in Starting the VCore-Ie CPU,
page 165.
•
After automatically booting from SI Flash, the VCore-Ie CPU can release the SI interface and enable
the SI slave by writing ICPU_CFG::GENERAL_CTRL.IF_SI_OWNER = 0. This enables SI access
from an external CPU to the device. A special PCB design is required to make the serial interface
work for both Flash and external CPU access.
•
MIIM slave can be manually enabled by writing
ICPU_CFG::GENERAL_CTRL.IF_MIIM_SLV_ENA = 1. The MIIM slave automatically takes control
of the appropriate GPIO pins.
4.2
Clocking and Reset
The following table lists the registers associated with reset and the watchdog timer.
The VCore-Ie CPU runs 250 MHz and the rest of the VCore-Ie system runs at 250 MHz.
The VCore-Ie can be soft reset by setting RESET.CORE_RST_FORCE. By default, this resets both the
VCore-Ie CPU and the VCore-Ie system. The VCore-Ie system can be excluded from a soft reset by
setting RESET.CORE_RST_CPU_ONLY; soft reset using CORE_RST_FORCE only then resets the
VCore-Ie CPU. The frame DMA must be disabled prior to a soft reset of the VCore-Ie system. When
CORE_RST_CPU_ONLY is set, the frame DMA and the PCIe endpoint are not affected by a soft reset
and continue to operate throughout soft reset of the VCore-Ie CPU.
The VCore-Ie system comprises all the blocks attached to the VCore Shared Bus (SBA), including the
PCIe and frame DMA/injection/extraction blocks. Blocks attached to the switch core Register Bus (CSR),
including VRAP, SI, and MIIM slaves, are not part of the VCore-Ie system reset domain. For more
information about the VCore-Ie system blocks, see Figure 4.1, page 159.
The device can be soft reset by writing SOFT_RST.SOFT_CHIP_RST. The VCore-Ie system and CPU
can be protected from a device soft reset by writing RESET.CORE_RST_PROTECT = 1 before initiating
a soft reset. In this case, a chip-level soft reset is applied to all other blocks, except the VCore-Ie system
and the CPU. When protecting the VCore-Ie system and CPU from a soft reset, the frame DMA must be
disabled prior to a chip-level soft reset. The SERDES and PLL blocks can be protected from reset by
writing to SOFT_RST.SOFT_SWC_RST instead of SOFT_CHIP_RST.
The VCore-Ie general purpose registers (ICPU_CFG::GPR) and GPIO alternate modes
(DEVCPU_GCB::GPIO_ALT) are not affected by a soft reset. These registers are only reset when an
external reset is asserted.
Table 129 •
Clocking and Reset Configuration Registers
Register
Description
ICPU_CFG::RESET
VCore-Ie reset protection scheme and initiating soft reset of
the VCore-Ie system and/or CPU.
DEVCPU_GCB::SOFT_RST
Initiating chip-level soft reset.
ICPU_CFG::WDT
Watchdog timer configuration and status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com