Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 171 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 171 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
156
In addition, the load operation can load a delta to the current time. This is done by executing a LOAD
action but using the DELTA command.
Each operation generates an interrupt when executed. For the clock action, the interrupt is generated
when the output switches to the active level. The interrupts from each controller can be masked and
monitored by the interrupt controller in the ICPU_CFG register target.
The four controllers are completely equal in their capabilities.
3.17.3
Hardware Time Stamping Module
This section explains the functions of the hardware time stamping module. The following table lists the
registers associated with the hardware time stamping module.
Each port module contains a hardware time stamping module that measures arrival and departure times
based on the master timer. For information about how the Rx and Tx time stamps are derived, see Rx
and Tx Time Stamps, page 21.
3.17.3.1 Two-Step Time Stamping
Two-step time stamping is performed if the IS2 rewriter action is two-step
(IS2_ACTION.REW_OP[2:0] = 3). This action can be applied to any frame, also non-PTP frames,
because the frame itself is not modified. The frame’s Tx time stamp is stored in a time stamp FIFO
queue, which the CPU can access (SYS::PTP_STATUS). The time stamp is common for all egress ports
and can contain up to 128 time stamps. Each entry in the time stamp queue contains the following fields:
•
SYS::PTP_STATUS.PTP_MESS_VLD: A 1-bit valid bit meaning the entry is ready for reading.
•
SYS::PTP_STATUS.PTP_MESS_ID: A 6-bit time stamp identifier. A unique time stamp identifier is
assigned to each frame for which one or more Tx time stamps are generated. The time stamp
identifier is also available in the CPU extraction header for frames extracted to the CPU. The time
stamp identifier overloads the DSCP value in the CPU extraction header. For more information about
the CPU extraction header, see Table 114, page 142. By providing the time stamp identifier in both
the time stamp queue and in the extracted frames, the CPU can correlate which time stamps belong
to which frames. Note that time stamp identifier value 63 implies that no free identifier could be
assigned to the frame. The time stamp entry can therefore not be trusted.
•
SYS::PTP_STATUS.PTP_MESS_TXPORT: The port number where the frame is transmitted. When
transmitting a frame on multiple ports, there are generated multiple entries in the time stamp queue.
Each entry uses the same time stamp identifier but with different Tx port numbers.
•
SYS::PTP_TXSTAMP: The frame’s Tx time stamp.
The time stamp queue is a simple FIFO that can be read by the CPU. The time stamp queue provides the
following handles for reading:
Waveform high
Number of nanoseconds in the high period for generated clocks.
Duration of pulse for generated pulse.
Waveform_low
Number of nanoseconds in the low period for generated clocks.
Delay from TOD_ns = 0 for generated pulse.
Table 127 •
Hardware Time Stamping Registers
Register
Description
Replication
SYS::PTP_TXSTAMP time stamp value in time stamp queue.
None
SYS::PTP_NXT
Advancing the time stamp queue.
None
SYS::PTP_STATUS
time stamp queue status and entry data.
None
ANA::PTP_ID_HIGH
Release of time stamp identifiers, values 32 through 63.
None
ANA::PTP_ID_LOW
Release of time stamp identifiers, values 0 through 31.
None
Table 126 •
LoadStore Controller (continued)
Pin Control Field
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com