Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 170 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 170 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
155
Figure 54 •
Timing Distribution
Each block using timing has a TimeOfDay instance included. These modules let time pass according to
an incoming delta request, instructing it to add the nominal clock period in nanoseconds (+0/+1/–1) for
each system clock cycle. This is controlled by a deltaT function in the DEVCPU, which can be configured
to do regular adjustments to the time by adding a single nanosecond more or less at specified intervals.
The absT function in the DEVCPU can set the full TOD time in the system. This is controlled by the
LoadStore controllers.
The DEVCPU includes four LoadStore controllers, each using a designated GPIO pin on the GPIO
interface. LoadStore controller 0 uses PTP_0 pin; LoadStore controller 1 uses PTP_1 pin, and so forth.
Before using the LoadStore controller, the VCore-III CPU must enable the overlaid functions for the
appropriate GPIO pins. For more information, see GPIO Overlaid Functions, page 204.
Each controller has CPU accessible registers with the full time of day set, and can be configured to load
these into the TimeOfDay instances, or to store the current values from them. The operation can be done
on a detected edge on the associated pin or immediately. The GPIO pin can also generate a clock with
configurable high and low periods set in nanoseconds using the TimeOfDay watches or it can generate a
pulse at a configured time with a configurable duration and polarity.
Table 126 •
LoadStore Controller
Pin Control Field
Function
Action
Load: Load TOD_SEC and TOD_NSEC through the absTime bus.
Delta: Add configured nsec to the current time of day (absT).
Store: Store the current TOD_SEC and TOD_NSEC.
Clock: Generate a clock or a pulse on the pin.
Sync
Execute the load/store on incoming edge, if action is LOAD or STORE.
Generate a pulse instead of clock if action is CLOCK.
Inverse polarity
Falling edges are detected/generated.
TOD_sec
The 48-bit seconds of a time of day set to be loaded or stored.
TOD_nsec
The 30-bit nanoseconds of a time of day set to be loaded or stored.
DeltaT
gen
Adjuster
LoadStore Ctrl
GPIO
AbsT
gen
LoadStore Ctrl
LoadStore Ctrl
LoadStore Ctrl
load
TimeOfDay
TimeOfDay
TimeOfDay
o o o
store
Four controllers configured for:
- Load absolute time
- Load signed delta time
- Store absolute time
- Generate pulse or clock on pin
Load/store can be done on incoming edge
or immediately.
sec (48 bits)
nsec (30 bits)
nsf (32 bits)
Analyzer / Rewriter / Port Modules
(only NSF in port module)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com