Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 166 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 166 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
151
The READ command is 4 bytes wide and consists of one 32-bit address field, which is 32-bit aligned. The
2 least significant bits of the address set to 01. The following illustration shows the request command and
the associated response result.
Figure 49 •
READ Command
3.15.5
VRAP WRITE Command
The WRITE command writes a 32-bit value to any register inside the device.
The WRITE command is 8 bytes wide and consists of one 32-bit address field, which is 32-bit aligned.
The two least significant bits of the address set to 10, followed by one 32-bit write-data field. The
following illustration shows the command.
Figure 50 •
WRITE Command
3.15.6
VRAP READ-MODIFY-WRITE Command
The READ-MODIFY-WRITE command does read/modify/write-back on any 32-bit register inside the
device.
The READ-MODIFY-WRITE command is 12 bytes wide and consists of one 32-bit address field, which is
32-bit aligned. The two least significant bits of the address set to 11 followed by one 32-bit write-data field
followed by one 32-bit overwrite-mask field. For bits set in the overwrite mask, the corresponding bits in
the write data field are written to the register while bits cleared in the overwrite mask are untouched when
writing to the register. The following figure shows the command.
Figure 51 •
READ-MODIFY-WRITE Command
3.15.7
VRAP IDLE Command
The IDLE command does not access registers in the device. Instead it just copies itself (the entire
command) into the VRAP response. This can be used for padding to fulfill the minimum transmission unit
size, or an external CPU can use it to insert a unique code into each VRAP request frame so that it can
separate different replies from each other.
The IDLE command is 4 bytes wide and consists of one 32-bit code word with the four least significant
bits of the code word set to 0000. The following illustration depicts the request command and the
associated response.
Figure 52 •
IDLE Command
Register address, bits 31:2
Request:
32 bits
Register read data
Response:
01
32 bits
Register address, bits 31:2
32 bits
Register write data
10
32 bits
Request:
Register address, bits 31:2
32 bits
Register write data
11
32 bits
Request:
Overwrite mask
32 bits
Any 28-bit value
Request:
32 bits
Copy of value
Response:
0000
32 bits
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com