Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 165 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 165 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
150
3.15.2
VRAP Response Frame Format
Having processed a VRAP request frame by executing the register access commands contained in the
frame, the VRAP engine generates a VRAP response frame. The response frame uses the swapped
DMAC and SMAC addresses in the VRAP request frame and it is transmitted on port where the VRAP
request frame was received. If the DMAC in the VRAP request frame is a multicast DMAC, then bit 40 is
cleared before using the DMAC as the SMAC in the VRAP response frame. The results of the VRAP
commands are inserted into the response frame in the same order as the VRAP commands were
processed.
The following illustration shows the format of a VRAP response frame.
Figure 47 •
VRAP Response Frame Format
The VRAP response frame follows the VRAP request frame in terms of VLAN tagging: If the VRAP request was
tagged, the VRAP response is also tagged using the same VLAN.
Only the READ and IDLE commands require data to be returned to the transmitter of the VRAP request
frame. However, even if the VRAP request frame does not contain READ and IDLE commands, a VRAP
response frame is generated with enough padding data (zeros) to fulfill the minimum transfer unit size.
3.15.3
VRAP Header Format
Both VRAP request and VRAP response frames contain a 32-bit VRAP header. The VRAP header is
used to identify the protocol version and to differentiate between VRAP requests and VRAP response
frames. The device supports VRAP version 1. The following illustration shows the VRAP header.
Figure 48 •
VRAP Header Format
A valid VRAP request frame must use Version = 1 and Flags.R = 1. Frames with an invalid VRAP header
are discarded and not processed by the VRAP engine.
3.15.4
VRAP READ Command
The VRAP READ command returns the contents of any 32-bit register inside the device. The 32-bit read-
data result is put into the VRAP response frame.
READ and IDLE results
SMAC from
VRAP request frame
0x8880
DMAC
DMAC from VRAP
request frame
SMAC
0x0004
EtherType
EPID
Valid FCS
FCS
#1
#n
16 bits
16 bits
48 bits
48 bits
32 bits
variable length
VRAP HDR
(Response)
32 bits
Version
4 bits
Flags
Reserved
4 bits
24 bits
Version:
Set to 0x1 in VRAP response frames.
VRAP request frames are ignored if Version <> 1
Flags:
4 bits are used for Flags. Only one flag is defined:
R: 0=Request, 1=Response
Rsv: Set to 0 in VRAP response frames and ignored in VRAP
request frames.
Reserved:
Set to 0 in VRAP response frames and ignored in VRAP
request frames.
31
28 27
24 23
0
Rsv
R
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com