Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 162 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 162 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 158Page - Microsemi Corporation VSC7511 Datasheet HTML 159Page - Microsemi Corporation VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
147
Figure 45 •
CPU Injection and Extraction Prefixes
Note that inserting a CPU extraction header in front of a frame disables all other frame modifications
done in the rewriter.
When injecting frames with an CPU injection header all incoming frames are expected to adhere to the
configured prefix mode. The following parsing of the frames takes place:
•
No prefix. All incoming frames are parsed as if they have a CPU injection header in front of the
frame. Forwarding is based on the instructions in the CPU injection header.
•
Short prefix. Incoming frames are checked against the expected format (start of frame must include
0x8880000A). If the prefix does not match then an error indication is set
(SYS::PORT_MODE.INJ_HDR_ERR). Compliant frames are forwarded based on the instructions in
the CPU injection header. Non-compliant frames are forwarded as normal frames where the prefix
and CPU injection header equaling the first 20 bytes of the frame are skipped.
•
Long prefix. All incoming frames are parsed as if they have a long prefix followed by the CPU
injection header in front of the frame. The incoming frames are checked against the expected format
(start of frame must include 12 bytes of MAC addresses followed by 0x8880000A). If the prefix does
not match then an error indication is set (SYS::PORT_MODE.INJ_HDR_ERR). Both compliant and
non-compliant frames are forwarded based on the instructions in the CPU injection header.
The external CPU can control forwarding of injected frames by either letting the frame analyze and
forward accordingly or directly specifying the destination set. This is controlled through the BYPASS field
in the CPU injection header.
3.14.4
Frame Generation Engine for Periodic Transmissions
The following table lists the registers associated with the frame generation engine.
Table 118 •
Frame Generation Engine
Register
Description
Replication
QSYS::TFRM_MISC
Configuration to cancel ongoing periodic transmissions.
None
QSYS::TFRM_PORT_DLY_ENA Enable spaced-out transmissions when multiple periodic
transmissions are scheduled at the same time.
Per port
QSYS::TFRM_TIMER_CFG_x
Period configuration. These registers configure the
transmission period between frames.
8
FF-FF-FF-FF-FF-FF
48 bits
FE-FF-FF-FF-FF-FF
48 bits
8880
16 bits
000A
16 bits
CPU Extraction header
128 bits
Extraction with long prefix:
Extraction with short prefix:
Extraction with no prefix:
Original frame
Any DMAC
48 bits
Any SMAC
48 bits
8880
16 bits
000A
16 bits
CPU Injection header
128 bits
Injection with long prefix:
8880
16 bits
000A
16 bits
CPU Injection header
128 bits
Original frame
Injection with short prefix:
CPU Injection header
128 bits
Injection with no prefix:
Original frame
Original frame
8880
16 bits
000A
16 bits
CPU Extraction header
128 bits
Original frame
CPU Extraction header
128 bits
Original frame
Start-of-frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com