Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 158 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 158 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 154Page - Microsemi Corporation VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation VSC7511 Datasheet HTML 158Page - Microsemi Corporation VSC7511 Datasheet HTML 159Page - Microsemi Corporation VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
143
3.14.2
Frame Injection
The following table lists the registers associated with frame injection.
The CPU injects frames through the two CPU injection groups that are independent of each other. The
injection groups connect to the two CPU ports (port 11 and port 12) in the CPU port module. In CPU port
module, each of the two CPU ports have dedicated access to the switch core. Inside the switch core, all
CPU injected frames are seen as coming from CPU port (port 11). This implies that both CPU injection
groups consume memory resources from the shared queue system for port 11 and that analyzer
configuration for port 11 are applied to all frames.
In the switch core, the CPU port can be preferred over other ingress ports when transferring frames to
egress queues by enabling precedence of the CPU port (QSYS::EQ_PREFER_SRC).
SFLOW_ID
32
4
sFlow sampling ID.
0-11: Frame was sFlow sampled by a Tx sampler on port given
by SFLOW_ID.
12: Frame was sFlow sampled by an Rx sampler on port given
by SRC_PORT.
13-14: Reserved.
15: Frame was not sFlow sampled.
ACL_HIT
31
1
Set if frame has hit a rule in IS2, which copies the frame to the
CPU (IS2 actions CPU_COPY_ENA or HIT_ME_ONCE).
DP
30
1
The frame’s drop precedence (DP) level after policing.
LRN_FLAGS
28
2
The source MAC address learning action triggered by the frame.
0: No learning.
1: Learning of a new entry.
2: Updating of an already learned unlocked entry.
3: Updating of an already learned locked entry.
CPUQ
20
8
CPU extraction queue mask (one bit per CPU extraction queue).
Each bit set implies the frame was subjected to CPU forwarding
to the specific queue.
QOS_CLASS
17
3
The frame’s classified QoS class.
TAG_TYPE
16
1
The tag information’s associated Tag Protocol Identifier (TPID).
The definitions are:
0: C-tag: EtherType = 0x8100.
1: S-tag: EtherType = 0x88A8 or custom value.
PCP
13
3
The frame’s classified PCP.
DEI
12
1
The frame’s classified DEI.
VID
0
12
The frame’s classified VID.
Table 115 •
Frame Injection Registers
Register
Description
Replication
SYS::PORT_MODE.INCL_INJ_HDR Enable parsing of injection header.
Configures formatting of incoming frames.
Per CPU port
(ports 11 and 12)
QSYS::EQ_PREFER_SRC
Enable preferred arbitration of the CPU
port (port 11) over front ports.
CPU port (port 11
only)
Table 114 •
CPU Extraction Header (continued)
Field
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com